Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMD31035AAF-R Datasheet(PDF) 1 Page - Zentrum Mikroelektronik Dresden AG

Part # ZMD31035AAF-R
Description  Automotive Sensor Signal Conditioner
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZMD31035AAF-R Datasheet(HTML) 1 Page - Zentrum Mikroelektronik Dresden AG

  ZMD31035AAF-R Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG ZMD31035AAF-R Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Analog Mixed Signal Company
ZMD31035
Automotive Sensor Signal
Conditioner
PRELIMINAR Y
Benefits
No external trimming components required
PC-controlled configuration and calibration
via one-wire interface – simple, low cost
High accuracy (±0.1% FSO @ -25 to 85°C;
±0.25% FSO @ -40 to 125°C)
Brief Description
The ZMD31035 is a CMOS integrated circuit for highly-
accurate amplification and sensor-specific correction of
bridge sensor signals. Digital compensation of sensor
offset, sensitivity, temperature drift and non-linearity is
accomplished via a 16-bit RISC micro-controller running
a correction algorithm with calibration coefficients stored
in a non-volatile EEPROM.
The ZMD31035 is adjustable to nearly all piezo-resistive
bridge sensors. Measured values are provided at the
analog voltage output or at the one-wire-interface.
The digital one-wire-interface can be used for a simple
PC-controlled calibration procedure, in order to program
a set of calibration coefficients into an on-chip EEPROM.
Thus a specific sensor and a ZMD31035 are mated digi-
tally: fast, precise and without the cost overhead associ-
ated with trimming by external devices or laser.
The ZMD31035 is optimized for automotive environ-
ments by it’s protection circuitry and excellent electro-
magnetic compatibility.
• Evaluation kit will be available, containing PCBs,
SSOP14 samples, software, documentation
• Support for industrial mass calibration available
• Quick circuit customization possible for large
production volumes
VDDB
VTN
VBN
VSSB
AOUT
VBP
VSSE
VSSA
VSSA
VSS
VDDE
VDD
CLK
DI
V
OUT
OWI
GND
SUPPLY
100n
15n
100n
100n
VDDA
4.5...5.5V
BRIDGE
SENSOR
TEMP.
SENSING
DIODE
Features
Digital compensation of sensor offset, sensitivity,
temperature drift and non-linearity
Adjustable to nearly all piezo-resistive bridge sensors types
Digital one-shot calibration: quick and precise
Selectable temperature compensation reference:
internal or external diode
Output options: analog voltage (0 to 5V) or one-wire-interface
(LIN compatible protocol)
Digital sensor calibration via one-wire-interface
Sampling rate typically 125Hz
High voltage protection
Reverse polarity and short circuit protection
Operation temperature –40 to +125°C
Supply voltage 4.5 to 5.5V
Application Circuit


Similar Part No. - ZMD31035AAF-R

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD31030 ZMD-ZMD31030 Datasheet
522Kb / 2P
Automotive Sensor Signal Conditioner with LIN Interface
ZMD31030AAB ZMD-ZMD31030AAB Datasheet
522Kb / 2P
Automotive Sensor Signal Conditioner with LIN Interface
ZMD31030AAC ZMD-ZMD31030AAC Datasheet
522Kb / 2P
Automotive Sensor Signal Conditioner with LIN Interface
ZMD31030AAD ZMD-ZMD31030AAD Datasheet
522Kb / 2P
Automotive Sensor Signal Conditioner with LIN Interface
ZMD31030AAF-R ZMD-ZMD31030AAF-R Datasheet
522Kb / 2P
Automotive Sensor Signal Conditioner with LIN Interface
More results

Similar Description - ZMD31035AAF-R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1455 MAXIM-MAX1455 Datasheet
290Kb / 25P
Low-Cost Automotive Sensor Signal Conditioner
Rev 1; 10/01
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
Sensor Signal Conditioner
ZMD31150 ZMD-ZMD31150 Datasheet
514Kb / 17P
Fast Automotive Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSC31150FEG1 ETC2-ZSC31150FEG1 Datasheet
614Kb / 24P
Fast Automotive Sensor Signal Conditioner
ZSC31150 ETC2-ZSC31150 Datasheet
663Kb / 25P
Fast Automotive Sensor Signal Conditioner
ZSC31150 ETC2-ZSC31150_12 Datasheet
776Kb / 26P
Fast Automotive Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSC31150 IDT-ZSC31150 Datasheet
658Kb / 26P
Fast Automotive Sensor Signal Conditioner
ZSSC4151 IDT-ZSSC4151 Datasheet
205Kb / 13P
Automotive Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSC31150 RENESAS-ZSC31150 Datasheet
771Kb / 27P
Fast Automotive Sensor Signal Conditioner
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com