Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VLMY150. Datasheet(PDF) 8 Page - Vishay Siliconix

Part # VLMY150.
Description  Ultrabright 0402 ChipLED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMY150. Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button VLMY150. Datasheet HTML 4Page - Vishay Siliconix VLMY150. Datasheet HTML 5Page - Vishay Siliconix VLMY150. Datasheet HTML 6Page - Vishay Siliconix VLMY150. Datasheet HTML 7Page - Vishay Siliconix VLMY150. Datasheet HTML 8Page - Vishay Siliconix VLMY150. Datasheet HTML 9Page - Vishay Siliconix VLMY150. Datasheet HTML 10Page - Vishay Siliconix VLMY150. Datasheet HTML 11Page - Vishay Siliconix VLMY150. Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
VLMS150., VLMO1500, VLMY150., VLMG1500, VLMTG150., VLMB150.
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 19-Mar-2021
8
Document Number: 82554
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 19 - Relative Luminous Intensity vs. Angular Displacement
REEL DIMENSIONS in millimeters
Reels come in quantity of 3000 units.
MOQ: 3 reels (9000 pcs)
0.4
0.2
0
95 10319
0.6
0.9
0.8
0°
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
9.4 ± 1.5
technical drawings
according to DIN
specifications
Drawing-No.: 9.800-5122.01-4
Issue: 2; 03.11.11
22611



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com