Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

845-059-500-412 Datasheet(PDF) 4 Page - EDAC, All Rights Reserved.

Part # 845-059-500-412
Description  845 Series High Temp Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

845-059-500-412 Datasheet(HTML) 4 Page - EDAC, All Rights Reserved.

  845-059-500-412 Datasheet HTML 1Page - EDAC, All Rights Reserved. 845-059-500-412 Datasheet HTML 2Page - EDAC, All Rights Reserved. 845-059-500-412 Datasheet HTML 3Page - EDAC, All Rights Reserved. 845-059-500-412 Datasheet HTML 4Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.edac.net
customerservice@edac.net
High Temp Card Edge Connectors 0.100” (2.54mm) Pitch
845/895 SERIES
.120 (3.05)
CONTACT CODE 556
A
.125 (3.18) TO .185 (4.70)
OUTSIDE TAILS
BETWEEN TAILS
.045 (1.14) TO .060 (1.52)
.095 (2.41)
WIRE HOLE CONTACTS
CONTACT CODE 555 BEND USES
.045 (1.14) TO .060 (1.52)
BETWEEN TAILS
.125 (3.18) TO .210 (5.33)
OUTSIDE TAILS
CONTACT CODE 560
OUTSIDE TAILS
.125 (3.18) TO .210 (5.33)
BETWEEN TAILS
.045 (1.14) TO .060 (1.52)
A
.165 (4.19)
CONTACT CODE 559
SINGLE ROW BEND
IS STANDARD FOR
THIS CONTACT ROW
B
A
.060 (1.52)
.150 (3.81)
CONTACT CODE 558
THIS CONTACT ROW
IS STANDARD FOR
SINGLE ROW BEND
B
A
.200 (5.08)
.060 (1.52)
NUMBERED SIDE, EVEN
NUMBERED SIDE OR ROW
"A" SIDE OF CONNECTOR
(DEPENDING ON THE SERIES)
NUMBERED SIDE, EVEN
NUMBERED SIDE OR ROW
"A" SIDE OF CONNECTOR
(DEPENDING ON THE SERIES)
MTG. OPTION
A
B
555
556
558
559
560
0.245(6.22)
0.170(4.32)
0.235(5.97)
0.285(7.24)
0.375(9.53)
0.635(16.13)
0.635(16.13)
BETWEEN CONTACT
IN-CONTACT
POLARIZING KEY
P/N 345-240-318
P/N 345-240-328
POLARIZING KEY



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com