Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

845-059-500-403 Datasheet(PDF) 3 Page - EDAC, All Rights Reserved.

Part # 845-059-500-403
Description  845 Series High Temp Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

845-059-500-403 Datasheet(HTML) 3 Page - EDAC, All Rights Reserved.

  845-059-500-403 Datasheet HTML 1Page - EDAC, All Rights Reserved. 845-059-500-403 Datasheet HTML 2Page - EDAC, All Rights Reserved. 845-059-500-403 Datasheet HTML 3Page - EDAC, All Rights Reserved. 845-059-500-403 Datasheet HTML 4Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.edac.net
customerservice@edac.net
High Temp Card Edge Connectors 0.100” (2.54mm) Pitch
845/895 SERIES
CODE x03
MOUNTING OPTION
DIMENSION
CONNECTOR
B
FLOATING EYELETS
.116 (2.95) I.D.
.005 (0.51) VERTICAL
FLOAT
CODES x02 AND xO4
MOUNTING OPTION
.250 (6.35) DIA
CONNECTOR
DIMENSION
B
FLOAT
.010 (0.25) RADIAL
HOLES
DIA THROUGH
CODE x01
MOUNTING OPTION
C
DIMENSION
CONNECTOR
0.328(8.33)
A
(NO MOUNTING LUGS)
(THROUGH MOUNTING HOLES)
(FLOATING EYLETS)
MOUNTING OPTION
CODE x12
DIMENSION
CONNECTOR B
THROUGH HOLES
.128 (3.25) DIA
MOUNTING OPTION
CODES x07 & xO8
CONNECTOR
DIMENSION B
0.125(3.18)
#4-40 UNC
THREADED INSERTS
CODE x08
M3-0.5 METRIC
CODE x07
(THREADED INSERTS)
(SIDE MOUNTING HOLES)
WITH INSERTS: CODES X17 & X18,
SEE TABLE
CODE X02 AND X04- THROUGH MTG. HOLES
CODE X02
CODE X04
"A" DIA.
0.128(3.25)
0.156(3.96)
CODE X07 AND X08- THREADED INSERTS
INSERT
CODE X07
CODE X08
M3-0.5(METRIC)
#4-40 UNC
SIDE MOUNTING HOLES WITH INSERTS
CODE X17
CODE X18
#4-40 UNC
M3-0.5(METRIC)
INSERT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com