Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

895-059-500-101 Datasheet(PDF) 1 Page - EDAC, All Rights Reserved.

Part # 895-059-500-101
Description  895 Series High Temp Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

895-059-500-101 Datasheet(HTML) 1 Page - EDAC, All Rights Reserved.

  895-059-500-101 Datasheet HTML 1Page - EDAC, All Rights Reserved. 895-059-500-101 Datasheet HTML 2Page - EDAC, All Rights Reserved. 895-059-500-101 Datasheet HTML 3Page - EDAC, All Rights Reserved. 895-059-500-101 Datasheet HTML 4Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features:
www.edac.net
Specifications:
customerservice@edac.net
High Temp Card Edge Connectors 0.100” (2.54mm) Pitch
•
0.100” (2.54mm) contact spacing x 0.200” (5.08mm) row spacing
•
Accepts 0.062” (1.57mm) nominal thickness P.C. board
•
High profile insulator body, 0.600” (15.24mm)
•
Contact termination options include P.C. tail, wire wrap, wire hole, 90 degree bends and extender board bends
•
Single or dual row configurations
•
Large variety of mounting options, flush or offset lugs
•
Accepts between contact and in-contact polarizing keys
•
Pre-assembled card guides are available
•
Automatic wire wrap positioning holes
•
RoHS Compliant & UL Certified
Ordering Code Notes:
1) All connector sizes up to 72 contacts single row / 144
contacts dual row are available upon request.
2) For details of the extender board and 90 degree bends refer
to next pages.
3) For lug-less connectors, code 01 mounting, specify contact
row code 1 or 2.
4) For details of the mounting options refer to page 3 & page 4.
Insulator Material
(845: Diallyl Phthalate) (895: Polyphenylene sulfide) , UL 94V-0
Contact Material
Copper Alloy
Contact Plating
Gold Plating on mating area and Tin Plating on tails with Nickel underplating all over
Current Rating
3 amps
Contact Resistance
10 milliohms maximum
Dielectric Withstanding Voltage
1200 V AC rms at sea level between adjacent contacts
Insulation Resistance
5000 megaohms minimum
Operating Temperature
-40°C to +125°C
Insertion Force
16 oz (4.45 N) maximum per contact pair when tested with .070” (1.78mm) thick gauge
Withdrawal Force
1 oz (0.28 N) minimum per contact pair when tested with .054” (1.37mm) thick gauge
845/895 SERIES
Series
Total Number of Contacts
Contact Code
Contact Rows and Insulator Style
Mounting Options
Example Part Number:
845-050-520-202
Mounting Options:
Description:
01
No Mounting Lug
02
Ø.128” (Ø3.25mm) Mounting Holes
03
Ø.116” (Ø2.95mm) I.D. Floating Eyelets
04
Ø.156” (Ø3.96mm) Mounting Holes
07
M3-0.5 Metric Threaded Inserts
08
#4-40 Unified Threaded Inserts
12
Ø.128” (Ø3.25mm) Side Mounting Holes
Contact Rows:
Description:
Insulator Style:
1
Single Row
Flush Mounting Lugs
2
Dual Row
Flush Mounting Lugs
4
Single Row
.110 (2.79) Offset Lugs
5
Dual Row
.110 (2.79) Offset Lugs
6
Single Row
.170 (4.32) Offset Lugs
8
Dual Row
.170 (4.32) Offset Lugs
Contact Code:
Tail Description:
Tail Size:
Tail Length "G":
500
Wire Hole
.050 x .025 (1.27 x 0.64)
.260 (6.60)
520
P.C. Tail
.030 x .018 (0.76 x 0.46)
.175 (4.45)
521
P.C. Tail
.025 Square (0.64 Square)
.150 (3.81)
523
P.C. Tail
.025 Square (0.64 Square)
.390 (9.91)
524
P.C. Tail
.018 Square (0.46 Square)
.175 (4.45)
525
P.C. Tail
.018 Square (0.46 Square)
.150 (3.81)
540
Wire Wrap
.025 Square (0.64 Square)
.560 (14.22)
541
Wire Wrap
.025 Square (0.64 Square)
.750 (19.05)
542
Wire Wrap
.025 Square (0.64 Square)
.645 (16.38)
544
Wire Wrap
.050 x .025 (1.27 x 0.64)
.750 (19.05)
555
EXTENDER BOARD BEND
(CODE 500 CONTACTS)
556
EXTENDER BOARD BEND
(CODE 520 CONTACTS)
558
90 DEGREE BEND
(CODE 541 CONTACTS)
559
90 DEGREE BEND
(CODE 541 CONTACTS)
560
EXTENDER BOARD BEND
(CODE 523 CONTACTS)
Series:
Insulator Color:
845
Green
895
Black
Total Number of Contacts:
Contact Rows:
005, 006, . . . . 072
Single Row
010, 012, . . . . 144
Dual Row


Similar Part No. - 895-059-500-101

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
895-059-500-101 EDAC-895-059-500-101 Datasheet
116Kb / 2P
895 Series,High Temp Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing
More results

Similar Description - 895-059-500-101

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
895-012-544-202 EDAC-895-012-544-202 Datasheet
70Kb / 2P
895 Series High Temp Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing
895-013-544-408 EDAC-895-013-544-408 Datasheet
71Kb / 2P
895 Series High Temp Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing
895-013-544-603 EDAC-895-013-544-603 Datasheet
72Kb / 2P
895 Series High Temp Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing
895-013-544-612 EDAC-895-013-544-612 Datasheet
69Kb / 2P
895 Series High Temp Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing
895-013-558-107 EDAC-895-013-558-107 Datasheet
71Kb / 2P
895 Series High Temp Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing
895-013-558-602 EDAC-895-013-558-602 Datasheet
70Kb / 2P
895 Series High Temp Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing
895-013-558-607 EDAC-895-013-558-607 Datasheet
71Kb / 2P
895 Series High Temp Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing
895-014-521-402 EDAC-895-014-521-402 Datasheet
71Kb / 2P
895 Series High Temp Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing
895-014-521-602 EDAC-895-014-521-602 Datasheet
71Kb / 2P
895 Series High Temp Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing
895-014-521-604 EDAC-895-014-521-604 Datasheet
71Kb / 2P
895 Series High Temp Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com