Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

845-059-500-101 Datasheet(PDF) 2 Page - EDAC, All Rights Reserved.

Part # 845-059-500-101
Description  845 Series High Temp Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

845-059-500-101 Datasheet(HTML) 2 Page - EDAC, All Rights Reserved.

  845-059-500-101 Datasheet HTML 1Page - EDAC, All Rights Reserved. 845-059-500-101 Datasheet HTML 2Page - EDAC, All Rights Reserved. 845-059-500-101 Datasheet HTML 3Page - EDAC, All Rights Reserved. 845-059-500-101 Datasheet HTML 4Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.edac.net
customerservice@edac.net
High Temp Card Edge Connectors 0.100” (2.54mm) Pitch
NUMBER OF CONTACTS
"A"
"B"
"C"
"D"
"E"
Single
Double
Inch
mm
Inch
mm
Inch
mm
Inch
mm
Inch
mm
5
10
1.300
33.02
1.022
25.96
0.746
18.95
0.600
15.24
0.400
10.16
10
20
1.800
45.72
1.522
38.66
1.246
31.65
1.100
27.94
0.900
22.86
15
30
2.100
53.34
1.822
46.28
1.546
39.27
1.400
35.56
1.200
30.48
13
26
2.300
58.42
2.022
51.36
1.746
44.35
1.600
40.64
1.400
35.56
18
36
2.600
66.04
2.322
58.98
2.046
51.97
1.900
48.26
1.700
43.18
22
44
3.000
76.20
2.722
69.14
2.446
62.13
2.300
58.42
2.100
53.34
25
50
3.300
83.82
3.022
76.76
2.746
69.75
2.600
66.04
2.400
60.96
30
60
3.800
96.52
3.522
89.46
3.246
82.45
3.100
78.74
2.900
73.66
31
62
3.900
99.06
3.622
92.00
3.346
84.99
3.200
81.28
3.000
76.20
35
70
4.300
109.22
4.022
102.16
3.746
95.15
3.600
91.44
3.400
86.36
36
72
4.400
111.76
4.122
104.70
3.846
97.69
3.700
93.98
3.500
88.90
43
86
5.100
129.54
4.822
122.48
4.546
115.47
4.400
111.76
4.200
106.68
50
100
5.800
147.32
5.522
140.26
5.246
133.25
5.100
129.54
4.900
124.46
58
116
6.600
167.64
6.322
160.58
6.046
153.57
5.900
149.86
5.700
144.78
845/895 SERIES
NUMBER OF COTACTS
"A"
"B"
"C"
"D"
"E"
Single
Double
Inch
mm
Inch
mm
Inch
mm
Inch
mm
Inch
mm
5
10
1.335
33.91
1.075
27.31
0.760
19.30
0.600
15.24
0.400
10.16
10
20
1.835
46.61
1.575
40.01
1.260
32.00
1.100
27.94
0.900
22.86
13
26
2.135
54.23
1.875
47.63
1.560
39.62
1.400
35.56
1.200
30.48
15
30
2.335
59.31
2.075
52.71
1.760
44.70
1.600
40.64
1.400
35.56
18
36
2.635
66.93
2.375
60.33
2.060
52.32
1.900
48.26
1.700
43.18
22
44
3.035
77.09
2.775
70.49
2.460
62.48
2.300
58.42
2.100
53.34
31
62
3.335
84.71
3.075
78.11
2.760
70.10
2.600
66.04
2.400
60.96
30
60
3.835
97.41
3.575
90.81
3.260
82.80
3.100
78.74
2.900
73.66
35
70
3.935
99.95
3.675
93.35
3.360
85.34
3.200
81.28
3.000
76.20
36
72
4.435
112.65
4.175
106.05
3.860
98.04
3.700
93.98
3.500
88.90
43
86
5.135
130.43
4.875
123.83
4.560
115.82
4.400
111.76
4.200
106.68
50
100
5.835
148.21
5.575
141.61
5.260
133.60
5.100
129.54
4.900
124.46
60
120
6.835
173.61
6.575
167.01
6.260
159.00
6.100
154.94
5.900
149.86
72
144
8.035
204.09
7.775
197.49
7.460
189.48
7.300
185.42
7.100
180.34
"A"
(2.03) WIRE HOLE
CONNECTOR MOUNTING PATTERN
CUT OUT
.400 (10.16)
PANEL MOUNT
PANEL MOUNT
.140 (3.56)
(5.08)
.200
B
E
.100 (2.54)
.170 (4.32)
SEE SHEET 3
.042 (1.07) +.004 (0.10)/-.000
FOR ALL P.C. TAILS
EXCEPT CODE 524
.031 (0.79) +.004 (0.10)/-.000
FOR CODE 524 P.C. TAIL
.008 (0.20) DIA
.200 (5.08)
.110 (2.79)
OFFSET LUGS
G
OR
.030 (0.76) X .080
POSITIONING
.370
(9.40)
.600
(15.24)
.250
(6.35)
HOLE AND SLOT
AUTOMATIC
WIRE WRAP
DIA REF
(2.03)
POLARIZING KEY.
CUT OUT FOR
RECOMMENDED DAUGHTER BOARD
MINUS .012 (0.30)
.350
(8.89)
D
IN-CONTACT
.080
BETWEEN CONTACT
(1.07)
+.000
POLARIZING KEY.
CUT OUT FOR
-.015 (0.38)
.042
SINGLE ROW
WITH FLUSH OR OFFSET LUGS
FOR RIGHT ANGLE MOUNTING
FLUSH MTG. LUG
.136 (3.45)
"E"
.100 (2.54)
.125 (3.18)
0.125(3.18)
B
.128 (3.25) DIA
THROUGH HOLES
"D"
B
"C"
"B"
SECTIONS THROUGH
DUAL ROW
.160 (4.06) POINT
CONTACT POSITION
.250 (6.35)
.330 (8.38)
CARD SLOT
OF CONTACT
CARD SLOT ACCEPTS .054 (1.37)
TO .070 (1.78) THICK P.C. BOARD
"F"
0.200(5.08)
0.025±0.005
(NOSE GAP)
EVEN
NUMBERED
SIDE OF
CONNECTOR
(2,4,6,8...)
FOR CONTACT CODES, DESCRIPTION
AND TAIL SIZES, SEE SHEET 1
FOR 90°, EXTENDER BOARD BENDS
CONTACTS, SEE SHEET 3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com