Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DASYLAB Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # DASYLAB
Description  USB DIO High Voltage and Relay
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DASYLAB Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button DASYLAB Datasheet HTML 2Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 3Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 4Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 5Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 6Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 7Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 8Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 9Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Measurement Computing
(508) 946-5100
9
info@mccdaq.com
mccdaq.com
USB DIO High Voltage and Relay
E
xternal power consumption
All modules on, 100 mA downstream hub power
USB-SSR08: 300 mA typ, 360 mA max
USB-SSR24: 800 mA typ, 950 mA max
A
ll modules off, 0 mA downstream hub power
USB-SSR08: 180 mA typ, 220 mA max
USB-SSR24: 200 mA typ, 220 mA max
External Power Input
External power input: +6.0 VDC to 12.5 VDC (9 VDC power supply included)
External power supply (included; required for USB-SSR24)
MCC p/n CB-PWR-9: 9 V @ 1.67 A
External Power Output
External power output (current range): 4.0 A max
USB-SSR Series devices monitor the external +9 V power supply voltage with a
voltage supervisory circuit. If this power supply exceeds its specified limit, the
PWR LED turns off, indicating a power fault condition.
External power output (voltage drop between power input and daisy chain
power output: 0.5 V max
The daisy chain power output option allows multiple MCC USB boards to be
powered from a single external power source in a daisy chain fashion. The
voltage drop between the module power supply input and the daisy chain
output is 0.5 V max. Users must plan for this drop to assure the last module in
the chain receives at least 6.0 VDC. A user-supplied custom cable is required
to daisy chain multiple devices.
USB Specification
USB Type-B connector: Input
USB device type: USB 2.0 (full-speed)
Device compatibility: USB 1.1, USB 2.0
USB-SSR Series revision F and later are also compatible with USB 3.0. The revi-
sion determined from the part number label on the housing as follows:
USB-SSR08: The part number label on the housing shows as 193779X-01L,
where X is the hardware revision
USB-SSR24: The part number label on the housing shows as 93782X-01L, where
X is the hardware revision
USB Type-A connector: Downstream hub output port
USB hub type: Supports USB 2.0 high-speed, full-speed and low-speed operating
points; self-powered, 100 mA max downstream VBUS capability
Compatible products: MCC USB Series devices
USB cable type (upstream and downstream): A-B cable, UL type AWM 2527 or
equivalent (min 24 AWG VBUS/GND, min 28 AWG D+/D-).
USB cable length: 3 meters max.
Digital I/O Transfer Rates
Digital I/O transfer rate (software paced): System dependent, 33 to 1000 port
reads/writes or single bit reads/writes per second typ.
Mechanical
USB-SSR08 dimensions (L × W × H)
PCB (without modules): 8.0 × 4.8 × 0.885 in. (203.2 × 121.9 × 22.5 mm)
Enclosure: 9.50 × 4.95 × 2.32 in. (241.3 × 125.7 × 58.9 mm)
USB-SSR24 dimensions (L × W × H)
PCB (without modules): 431.8 × 121.9 × 22.5 mm (17.0 × 4.8 × 0.885 in.)
Enclosure: 482.6 × 125.7 × 58.9 mm (19.00 × 4.95 × 2.32 in.)
Main connector
Connector type: Screw terminal
Wire gauge range: 12 to 22 AWG
SSR Digital I/O Modules
Specifications for the SSR modules available for the USB-SSR Series are listed belo .
Digital Input Sensing Modules
MCC part
number
Input
type
Isolation
voltage
Input
voltage
range
Input
current
@ max line
Turn-on
time
Turn-off
time
SSR-IAC-05
AC
4000 Vrms
90-140
VAC/DC
8 mA
20 ms
20 ms
SSR-IAC-05A
High voltage
AC
4000 Vrms
180-280
VAC/DC
6 mA
20 ms
20 ms
SSR-IDC-05
DC
4000 Vrms
3-32 VDC
18 mA
0.20 ms
0.40 ms
SSR-IDC-05NP
Non-polarized,
AC or DC
4000 Vrms
15-32 VAC,
10-32 VDC
18 mA
5 ms
5 ms
Digital Output Switching Modules
MCC part
number
Output
type*
Isolation
voltage
Load
voltage
range
Load
current
range
Turn-on
time
Turn-off
time
SSR-OAC-05
AC
4000 Vrms
24-140
VAC
0.03-3.5 A
8.33 ms
8.33 ms
SSR-OAC-05A
AC
4000 Vrms
24-280
VAC
0.03-3.5 A
8.33 ms
8.33 ms
SSR-ODC-05
DC
4000 Vrms
3-60 VDC
0.02-3.5 A
20 µs
50 µs
SSR-ODC-05A
DC
4000 Vrms 4-200 VDC 0.02-3.5 A
75 µs
750 µs
* SPST, normally open
Specifications - USB-SSR Series



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com