Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DASYLAB Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DASYLAB
Description  Temperature Measurement Devices
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DASYLAB Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DASYLAB Datasheet HTML 1Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 2Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 3Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 4Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 5Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 6Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Measurement Computing
(508) 946-5100
3
info@mccdaq.com
mccdaq.com
USB-TEMP and USB-TC Series
USB-TEMP-AI and USB-TC-AI
All specifications are subject to change without notice.
Typical for 25 °C unless otherwise specified.
Thermocouple specifications apply to the USB-TEMP-AI and USB-TC-AI.
RTD, thermistor, and semiconductor specifications apply only to the USB-TEMP-AI
All other specifications apply to all temperature and voltage input channels unless
otherwise specified.
Analog Input
A/D converter type: T0x-T3x, V0x-V3x, AD42_321, dual 24-bit Sigma-Delta
Number of channels
Voltage input: 4 differential, V0x-V3x, 4 single-ended
Temperature Input: 4 differential, T0x-T3x
Input isolation: 500 VDC min between field wiring and USB interface
Channel configuration
T0x-T3x: Temperature input, software programmable to match sensor type
V0x-V3x: Voltage input
Analog input modes
Power up and reset state: Factory default configuration is Disabled mode; once
configured, each channel reverts to the mode previously set by the user
Single-ended: Vx_H are connected directly to screw terminal pins; Vx_L are discon-
nected from screw terminal pins and internally connected to GND
Differential: Vx_H and Vx_L are connected directly to screw terminal pins; Tx_H
and Tx_L are connected directly to their screw terminal pins
Input ranges
Thermocouple: T0x-T3x, ±0.080 V
RTD: T0x-T3x, 0 to 0.5 V
Thermistor: T0x-T3x, 0 to 2 V
Semiconductor: T0x-T3x, 0 to 2.5 V
Voltage: V0x-V3x, ±10, ±5, ±2.5, ±1.25 V
Absolute maximum input voltage
T0x-T3x relative to GND: ±25 V max power on, ±40 V max power off
V0x-V3x relative to GND: ±25 V max power on, ±15 V max power off
Input impedance
T0x-T3x: 5 GΩ power on, 1 MΩ power off
V0x-V3x: 10 GΩ power on, 2.49 kΩ power off
Input leakage current
T0x-T3x: With open thermocouple detect disabled, 30 nA max
T0x-T3x: With open thermocouple detect enabled, 105 nA max
V0x-V3x: ±1.5 nA typ, ±25 nA max
Input bandwidth (–3 dB)
T0x-T3x: 50 Hz
V0x-V3x: 3 kHz
Maximum working voltage (signal + common mode): V0x-V3x: ±10.25 V max
Common mode rejection ratio
T0x-T3x: fIN = 60 Hz, 100 dB
V0x-V3x: fIN = 60 Hz, all input ranges, 83 dB
ADC resolution: 24 bits
ADC no missing codes: 24 bits
Input coupling: DC
Warm-up time: 30 minutes min
Open thermocouple detect
T0x-T3x: Automatically enabled when the channel pair is configured for ther-
mocouple sensor; the maximum open detection time is 3 seconds
CJC sensor accuracy
T0x-T3x: 15 °C to 35 °C: ±0.25 °C typ, ±0.5 °C max
T0x-T3x: 0 °C to 70 °C: –1.0 °C to 0.75 °C max
Channel Configurations
T0x-T3x: Disabled, all temperature input channels are disconnected from screw
terminals and internally connected to GND
T0x-T3x: Thermocouple, 4 differential channels
T0x-T3x: Semiconductor sensor, 4 differential channels
T0x-T3x
RTD and thermistor
2-wire with a single sensor per channel pair, 2 differential channels
2-wire with two sensors per channel pair, 4 differential channels
3-wire with a single sensor per channel pair, 2 differential channels
4-wire with a single sensor per channel pair, 2 differential channels
4-wire with two sensors per channel pair, 4 differential channels
V0x-V3x: Disabled, all voltage input channels are disconnected from screw ter-
minals and internally connected to GND
V0x-V3x: Differential, 4 differential channels
V0x-V3x: Single-ended, 4 single-ended channels
Thermocouple:
J: –210 °C to 1200 °C
K: –270 °C to 1372 °C
R: –50 °C to 1768 °C
S: –50 °C to 1768 °C
T: –570 °C to 400 °C
N: –570 °C to 1300 °C
E: –570 °C to 1000 °C
B: 0 °C to 1820 °C
RTD
100 Ω PT (DIN 43760: 0.00385 ohms/ohm/°C)
100 Ω PT (SAMA: 0.003911 ohms/ohm/°C)
100 Ω PT (ITS-90/IEC751:0.0038505 ohms/ohm/°C)
Thermistor: Standard 2,252 Ω through 30,000 Ω
Semiconductor/IC: LM35, TMP35 or equivalent
Accuracy
Thermocouple Measurement Accuracy: T0x-T3x
Sensor
Type
Sensor
Temp.
Range
Accuracy
Error Max
(°C)
Accuracy
Error Typ
(°C)
Temp
(°C/ °C)
J
–210
2.028
0.707
0.031
0
0.835
0.278
1200
0.783
0.288
K
–210
2.137
0.762
0.035
0
0.842
0.280
1372
0.931
0.389
S
–50
1.225
0.435
0.021
250
0.554
0.195
1768
0.480
0.157
R
–50
1.301
0.458
0.019
250
0.549
0.190
1768
0.400
0.134
B
250
2.193
2.185
0.001
700
0.822
0.819
1820
0.469
0.468
E
–200
1.976
0.684
0.030
0
0.954
0.321
1000
0.653
0.240
T
–200
2.082
0.744
0.035
0
0.870
0.290
400
0.568
0.208
N
–200
2.197
0.760
0.028
0
0.848
0.283
1300
0.653
0.245
Includes CJC measurement accuracy. All specifications are (±).
Semiconductor Sensor Measurement Accuracy: T0x-T3x
Sensor
Type
Temperature
Range (°C)
Accuracy Error
Maximum (°C)
LM35, TMP35 or
equivalent
–40 to 150
±0.50
Specifications



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com