Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TOP243 Datasheet(PDF) 30 Page - Power Integrations, Inc.

Part # TOP243
Description  Extended Power, Design Flexible, EcoSmart, Integrated Off-Line Switcher
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP243 Datasheet(HTML) 30 Page - Power Integrations, Inc.

Back Button TOP243 Datasheet HTML 26Page - Power Integrations, Inc. TOP243 Datasheet HTML 27Page - Power Integrations, Inc. TOP243 Datasheet HTML 28Page - Power Integrations, Inc. TOP243 Datasheet HTML 29Page - Power Integrations, Inc. TOP243 Datasheet HTML 30Page - Power Integrations, Inc. TOP243 Datasheet HTML 31Page - Power Integrations, Inc. TOP243 Datasheet HTML 32Page - Power Integrations, Inc. TOP243 Datasheet HTML 33Page - Power Integrations, Inc. TOP243 Datasheet HTML 34Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
Rev. R 10/20
30
TOP242-250
www.power.com
The FREQUENCY pin of TOPSwitch-GX offers a
switching frequency option of 132 kHz or 66 kHz. In
applications that require heavy snubbers on the drain
node for reducing high frequency radiated noise (for
example, video noise sensitive applications such as
VCR, DVD, monitor, TV, etc.), operating at 66 kHz will
reduce snubber loss resulting in better efficiency. Also, in
applications where transformer size is not a concern, use
of the 66 kHz option will provide lower EMI and higher
efficiency. Note that the second harmonic of 66 kHz is
still below 150 kHz, above which the conducted EMI
specifications get much tighter.
For 10 W or below, it is possible to use a simple inductor
in place of a more costly AC input common mode choke
to meet worldwide conducted EMI limits.
Transformer Design
It is recommended that the transformer be designed for
maximum operating flux density of 3000 Gauss and a
peak flux density of 4200 Gauss at maximum current
limit. The turns ratio should be chosen for a reflected
voltage (V
OR) no greater than 135 V when using a Zener
clamp, or 150 V (max) when using an RCD clamp
with current limit reduction with line voltage (overload
protection).
For designs where operating current is significantly lower
than the default current limit, it is recommended to use
an externally set current limit close to the operating peak
current to reduce peak flux density and peak power
(see Figures 20 and 34). In most applications, the tighter
current limit tolerance, higher switching frequency and
soft-start features of TOPSwitch-GX contribute to a
smaller transformer when compared to TOPSwitch-II.
Standby Consumption
Frequency reduction can significantly reduce power
loss at light or no load, especially when a Zener clamp
is used. For very low secondary power consumption,
use a TL431 regulator for feedback control. Alternately,
switching losses can be significantly reduced by
changing from 132 kHz in normal operation to 66 kHz
under light load conditions.
TOPSwitch-GX Layout Considerations
As TOPSwitch-GX has additional pins and operates
at much higher power levels compared to previous
TOPSwitch families, the following guidelines should
be carefully followed.
Primary Side Connections
Use a single point (Kelvin) connection at the negative
terminal of the input filter capacitor for the TOPSwitch-GX
SOURCE pin and bias winding return. This improves
surge capabilities by returning surge currents from the
bias winding directly to the input filter capacitor.
The CONTROL pin bypass capacitor should be located
as close as possible to the SOURCE and CONTROL pins
and its SOURCE connection trace should not be shared
by the main MOSFET switching currents. All SOURCE
pin referenced components connected to the MULTI-
FUNCTION, LINE-SENSE or EXTERNAL CURRENT
LIMIT pins should also be located closely between their
respective pin and SOURCE. Once again, the SOURCE
connection trace of these components should not be
shared by the main MOSFET switching currents. It is
very critical that SOURCE pin switching currents are
returned to the input capacitor negative terminal through
a seperate trace that is not shared by the components
connected to CONTROL, MULTI-FUNCTION, LINE-
SENSE or EXTERNAL CURRENT LIMIT pins. This is
because the SOURCE pin is also the controller ground
reference pin.
Any traces to the M, L or X pins should be kept as short
as possible and away from the DRAIN trace to prevent
noise coupling. LINE-SENSE resistor (R1 in Figures 47-
49) should be located close to the M or L pin to minimize
the trace length on the M or L pin side.
In addition to the 47
µF CONTROL pin capacitor, a high
frequency bypass capacitor in parallel may be used for
better noise immunity. The feedback optocoupler output
should also be located close to the CONTROL and
SOURCE pins of TOPSwitch-GX.
Y-Capacitor
The Y-capacitor should be connected close to the
secondary output return pin(s) and the positive primary
DC input pin of the transformer.
Heat Sinking
The tab of the Y package (TO-220) or F package
(TO-262) is internally electrically tied to the SOURCE pin.
To avoid circulating currents, a heat sink attached to the
tab should not be electrically tied to any primary ground/
source nodes on the PC board.
When using a P (DIP-8), G (SMD-8) or R (TO-263)
package, a copper area underneath the package
connected to the SOURCE pins will act as an effective
heat sink. On double sided boards (Figure 49), top side
and bottom side areas connected with vias can be used
to increase the effective heat sinking area.
In addition, sufficient copper area should be provided at
the anode and cathode leads of the output diode(s) for
heat sinking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com