Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFS7634H Datasheet(PDF) 13 Page - Power Integrations, Inc.

Part # PFS7634H
Description  PFC Controller with Integrated 600 V MOSFET and Diode Option Optimized for High PF and Efficiency Across Load Range
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7634H Datasheet(HTML) 13 Page - Power Integrations, Inc.

Back Button PFS7634H Datasheet HTML 9Page - Power Integrations, Inc. PFS7634H Datasheet HTML 10Page - Power Integrations, Inc. PFS7634H Datasheet HTML 11Page - Power Integrations, Inc. PFS7634H Datasheet HTML 12Page - Power Integrations, Inc. PFS7634H Datasheet HTML 13Page - Power Integrations, Inc. PFS7634H Datasheet HTML 14Page - Power Integrations, Inc. PFS7634H Datasheet HTML 15Page - Power Integrations, Inc. PFS7634H Datasheet HTML 16Page - Power Integrations, Inc. PFS7634H Datasheet HTML 17Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
Rev. F 08/20
13
PFS7x23-7x29/7633-7636
www.power.com
Application Example for H and L Packages
A High Efficiency, 275 W, 385 VDC Universal Input PFC
The circuit shown in Figure 13 is designed using a device from the
HiperPFS-4 family of integrated PFC controllers. This design is rated
for a continuous output power of 275 W and provides a regulated
output voltage of 385 VDC nominal, maintaining a high input power
factor and overall efficiency from light load to full load.
Fuse F1 provides protection to the circuit and isolates it from the AC
supply in the event of a fault. Diode bridge BR1 rectifies the AC input
voltage. Capacitors C1-C7 together with inductors L2 and L3 form
the EMI filter which reduces the common mode and differential mode
noise. Resistors R1, R2 and CAPZero-2, IC U2 are required to
discharge the EMI filter capacitors once the circuit is disconnected.
CAPZero-2 eliminates static losses in R1 and R2 by only connecting
these components across the input when AC is removed.
Metal oxide varistor (MOV) RV1 protects the circuit during line surge
events by effectively clamping the input voltage seen by the power
supply.
Inductor L1 and boost diode D4 in conjunction with HiperPFS-4 IC U1,
form the boost converter stage, controlling the input current of the
power supply while simultaneously regulating the output DC voltage.
Diode D2 prevents a resonant buildup of output voltage at start-up by
bypassing inductor L1 while simultaneously charging output capacitor
C18.
Thermistor RT1 limits the inrush input current of the circuit at start-up
and prevents saturation of L1. However in the highest efficiency
designs, an electro-mechanical relay RL1 will be used to bypass the
thermistor once the output voltage is in regulation as indicated by a
power good signal (asserted low). Resistors R3 and R4, and transistor
Q1, drive relay RL1 and optocoupler U3. Diode D1 clamps the relay
coil reverse voltage during de-assertion transitions. Resistor R5 limits
the current to the diode in the optocoupler. IC U3 provides optocou-
pler isolation through connector J2 for a power-good output signal if
required.
Capacitor C15 is used for reducing the loop length and area of the
output circuit to reduce EMI and overshoot of voltage across the
drain and source of the MOSFET inside U1 at each switching edge.
The PFS7627H IC requires a regulated supply of 12 V for operation
(15 V max). Resistors R6, R7, R8, Zener diode VR1, and transistor Q2
form a series pass regulator that prevents the supply voltage to IC U1
from exceeding 15 V. Capacitors C8, and C9 filter the supply voltage
and provide bypassing and decoupling to ensure reliable operation of
IC U1. Diode D3 provides reverse polarity protection.
Resistor R15 programs the output voltage level [via the POWER
GOOD THRESHOLD (PGT) pin] below which the POWER GOOD [PG]
pin will go into a high-impedance state. Capacitor C14 provides noise
immunity on the POWER GOOD THRESHOLD pin.
IC U1 is configured in full power mode by capacitor C10 which is
connected to the REFERENCE pin.
The rectified AC input voltage of the power supply is sensed by IC U1
using resistors R10-R13. These resistors values are large to minimize
power consumption. Capacitor C11 connected in parallel with the
bottom resistor R13 filters noise coupled into the VOLTAGE MONITOR
pin.
Output voltage divider network comprising resistors R16 – R19 are
used to scale the output voltage and provide feedback to the IC.
Capacitor C16 in parallel with resistor R19 attenuates high frequency
noise.
Components R14, C12 and C13 are required for shaping the loop
response of the feedback network.
L1
400 µH
VO
J3-1
J2-2
J4-1
J4-2
RL1
J2-1
DC
OUT
+
VO
J3-3
PI-8054a-120418
N
Power
Good
90 - 264
VAC
E
L
R1
510 kΩ
R6
1 Ω
1%
R3
10 kΩ
1%
R4
16.2 kΩ
1%
R5
3.01 kΩ
1%
D1
S1AB-13-F
C8
47 µF
50 V
C7
680 nF
630 V
C9
1 µF
35 V
C10
1 µF
50 V
R14*
30.1 kΩ
1%
R15
332 kΩ
1%
C11
470 pF
50 V
Q1
MMBT4403
3
4
2
1
U3
LTV817A
Q2
MMBT4401LT1G
R7
1 Ω
1%
R8
2.21 kΩ
1%
R2
510 kΩ
C2
680 pF
250 VAC
BR1
GBU8K-BP
800 V
L2
9 mH
C4
330 nF
275 V
C6
680 pF
250 VAC
C5
680 pF
250 VAC
C1
680 pF
250 VAC
F1
5 A
RV1
520 VAC
VCC
Supply
C3
330 nF
275 VAC
RT1
2.5 Ω
D1
CAPZero
U2
CAP200DG
D2
L3
330 µH
+
+
C14
1 nF
50 V
C18
180 µF
450 V
R19
162 kΩ
1%
R16
3.74 MΩ
1%
R10
6.2 MΩ
1%
R11
6.2 MΩ
1%
R12
3.74 MΩ
1%
R13
162 kΩ
1%
R17
6.2 MΩ
1%
R18
6.2 MΩ
1%
C15
10 nF
1 kV
C13*
1 µF
50 V
D2
1N5408-T
D4
LXA06T600
C12*
100 nF
25 V
C16
470 pF
50 V
tO
S
D
C
PGT
FB
VCC
PG
REF
G
V
CONTROL
HiperPFS-4
U1
PFS7627H
Figure 13. 275 W PFC using PFS7627H (*Note: Use R14 = 20 kW, C13 = 2.2 mF, C12 = 150 nF When Designing with PFS7626C and PFS7628C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com