Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DASYLAB Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DASYLAB
Description  Single-Channel Thermocouple Measurement Device
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DASYLAB Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DASYLAB Datasheet HTML 1Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 2Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 3Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Measurement Computing
(508) 946-5100
3
info@mccdaq.com
mccdaq.com
USB-2001-TC
Specifications
Specifications
All specifications are subject to change without notice.
Typical for 25 °C unless otherwise specified.
Analog input
Number of channels: One
ADC resolution: 20 bits
Input ranges: ±73.125 mV, calibrated, ±146.25 mV, not calibrated. Used for open
thermocouple detection.
Common-mode range
Channel-to-USB ground: ±30 V
Common-mode rejection ratio (0 to 60 Hz)
Channel-to-USB ground: >145 dB
Noise rejection
50/60 Hz: >80 dB
Temperature measurement ranges: Proper function over the temperature ranges
defined by NIST (type J, K, R, S, T, N, E, and B). Type E maximum is 900 ºC.
Conversion time: 250 ms
Input bandwidth
–3 dB: 1 Hz
Differential input impedance: 20 MΩ between isolated 3.3 V and ground
Input noise: 2 µVpp
Open thermocouple bias voltage: 3.3 V
Cold-junction compensation sensor accuracy:
0 ºC to 65 ºC: 1.25 °C max, 0.6 °C typ
Cold-junction compensation sensor resolution: 0.0625 °C typ
Overvoltage protection: 30 V max between TC+ and TC–
Channel configurations
Thermocouple type:
J, K, S, R, B, E, T, or N; one differential channel.
Channel configuration information is stored in internal FLASH Program
Memory on the microcontroller by the firmware whenever any item is modi-
fied. Modification is performed by commands issued over USB from an external
application, and the configuration is non-volatile.
The factory default configuration is undefined ‘#’.
Compatible thermocouples
Thermocouple
J: –210 °C to 1200 °C
K: –270 °C to 1372 °C
R: –50 °C to 1768 °C
S: –50 °C to 1768 °C
T: –270 °C to 400 °C
N: –270 °C to 1300 °C
E: –270 °C to 900 °C
B: 0 °C to 1820 °C
Temperature accuracy
Refer to the USB-2001-TC User’s Guide for an accuracy error chart for each ther-
mocouple type.
LED indicator
LED status:
Steady green: The device is powered and ready for operation.
Blinking green: The device is powered, but not yet enumerated by the USB.
Off: The device is not powered or is in USB suspend.
Power
Current consumption from USB: 150 mA maximum, 100 mA typical
Suspend current: 2.5 mA maximum
Recommended warm-up time: 15 minutes
Safety voltages
Connect only voltages that are within these limits.
Isolation
Channel-to-earth ground
: +30 V maximum
Measurement Category I is for measurements performed on circuits not directly
connected to the electrical distribution system referred to as MAINS voltage.
MAINS is a hazardous live electrical supply system that powers equipment. This
category is for measurements of voltages from specially protected secondary
circuits. Such voltage measurements include signal levels, special equipment,
limited-energy parts of equipment, circuits powered by regulated low-voltage
sources, and electronics.
30 V
Isolation
Barrier
SPI
TC
input
Low pass
filter
20-bit
ADC
I/O
Isolator
USB connector
(PC)
Full-speed
USB 2.0
USB 2.0
Microcontroller
Temperature
sensor / CJC
LED
+
-
USB-2001-TC Block Diagram



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com