Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DASYLAB Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # DASYLAB
Description  24-Bit Devices for Voltage, Temperature, or Bridge-Based Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DASYLAB Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  DASYLAB Datasheet HTML 1Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 2Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 3Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 4Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 5Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 6Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 7Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Measurement Computing
(508) 946-5100
5
info@mccdaq.com
mccdaq.com
USB-2404 Series
Specifications (USB-2404-UI)
Specifications
All specifications are subject to change without notice.
Typical for the range 0 °C to 60 °C unless otherwise noted.
All voltages are relative to the CH– signal on each channel unless otherwise noted.
USB-2404-UI
Analog Input
Number Of Channels: 4
A/D Converter Resolution: 24-bit
A/D Converter Type: Delta-Sigma with analog pre-filtering
Sampling Mode: Simultaneous
TEDS Sensor Type Supported: IEEE 1451.4 TEDS Class II (interface)
Input Modes: Voltage, current, resistance (4-wire and 2-wire), RTD (3-wire and
4-wire), thermocouple, quarter-bridge, half-bridge, full-bridge
Conversion Time (No Channels in TC Mode)
High Speed: 10 ms for all channels
Best 60 Hz Rejection: 110 ms for all channels
Best 50 Hz Rejection: 130 ms for all channels
High Resolution: 500 ms for all channels
Conversion Time (One Or More Channels In TC Mode)
High Speed: 20 ms for all channels
Best 60 Hz Rejection: 120 ms for all channels
Best 50 Hz Rejection: 140 ms for all channels
High Resolution: 510 ms for all channels
Overvoltage Protection
Terminals 1 and 2: ±30 V
Terminals 3 Through 6, Across Any Combination: ±60 V
Input Impedance
Voltage Mode (±60 V, ±15 V, ±4 V): 1 M
Ω
Current Mode: <40 Ω
All Other Modes: >1 GΩ
Input Bias Current: <1 nA
Integral Non-Linearity (INL): ±15 ppm
Common Mode Rejection Ratio (ƒ
in= 60 Hz): >100 dB
Rejection: 90 dB at 60 Hz
Best 50 Hz Rejection: 80 dB at 50 Hz
High Resolution: 65 dB at 50 Hz and 60 Hz
Input Mode Ranges
Input Mode
Nominal Ranges
Actual Ranges
Voltage
±60 V, ±15 V, ±4 V,
±1 V, ±125 mV
±60 V, ±15 V, ±4 V,
±1 V, ±125 mV
Current
±25 mA
±25 mA
4- and 2-Wire
Resistance
10 kΩ, 1 kΩ
10.5 kΩ, 1.05 kΩ
Thermocouple
±125 mV
±125 mV
4- and 3-Wire RTD
Pt 1000, Pt 100
5.05 kΩ, 505 Ω
Quarter-Bridge
350 Ω, 120 Ω
390 Ω, 150 Ω
Half-Bridge
±500 mV/V
±500 mV/V
Full-Bridge
±62.5 mV/V,
±7.8 mV/V
±62.5 mV/V,
±7.8125 mV/V
Accuracy
Mode, Range
Gain Error
(% of Reading)
Offset Error
(PPM of Range)
25 ºC, ±5 ºC Typical, –40 ºC to 70 ºC
Maximum
Voltage, ±60 V
±0.3, ±0.4
±20, ±50
Voltage, ±15 V
±0.3, ±0.4
±60, ±180
Voltage, ±4 V
±0.3, ±0.4
±240, ±720
Voltage, ±1 V
±0.1, ±0.18
±15, ±45
Voltage/Thermocouple,
±125 mV
±0.1, ±0.18
±120, ±360
Current, ±25 mA
±0.1, ±0.6
±30, ±100
4- and 2-Wire* Resistance,
10 kΩ
±0.1, ±0.5
±120, ±320
4- and 2-Wire* Resistance,
1 kΩ
±0.1, ±0.5
±1200, ±3200
4- and 3-Wire RTD, Pt 1000
±0.1, ±0.5
±240, ±640
4- and 3-Wire RTD, Pt 100
±0.1, ±0.5
±2400, ±6400
Quarter-Bridge, 350 Ω
±0.1, ±0.5
±2400, ±6400
Quarter-Bridge, 120 Ω
±0.1, ±0.5
±2400, ±6400
Half-Bridge, ±500 mV/V
±0.03, ±0.07
±300, ±450
Full-Bridge, ±62.5 mV/V
±0.03, ±0.08
±300, ±1000
Full-Bridge, ±7.8 mV/V
±0.03, ±0.08
±2200, ±8000
CJC Sensor Accuracy
N/A
±1 ºC, typical
* 2-Wire resistance mode accuracy depends on the lead wire resistance. This table
assumes 0 Ω of lead wire resistance.
Stability
Measurement Conditions
Gain Drift (PPM
of Reading/ ºC)
Offset Drift
(PPM of
Range/ºC)
Voltage, ±60 V
±20
±0.2
Voltage, ±15 V
±20
±0.8
Voltage, ±4 V
±20
±3.2
Voltage, ±1 V
±10
±0.2
Voltage/Thermocouple,
±125 mV
±10
±1.6
Current, ±25 mA
±15
±0.4
4- and 2-Wire Resistance,
10 kΩ
±15
±3
4- and 2-Wire Resistance,
1 kΩ
±15
±30
4- and 3-Wire RTD,
Pt 1000
±15
±6
4- and 3-Wire RTD,
Pt 100
±15
±60
Quarter-Bridge, 350 Ω
±15
±120
Quarter-Bridge, 120 Ω
±15
±240
Half-Bridge, ±500 mV/V
±3
±20
Full-Bridge, ±62.5 mV/V
±3
±20
Full-Bridge, ±7.8 mV/V
±3
±20



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com