Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

341-059-500-104 Datasheet(PDF) 2 Page - EDAC, All Rights Reserved.

Part # 341-059-500-104
Description  Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

341-059-500-104 Datasheet(HTML) 2 Page - EDAC, All Rights Reserved.

  341-059-500-104 Datasheet HTML 1Page - EDAC, All Rights Reserved. 341-059-500-104 Datasheet HTML 2Page - EDAC, All Rights Reserved. 341-059-500-104 Datasheet HTML 3Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.edac.net
customerservice@edac.net
336 SERIES
Card Edge Connectors 0.100” (3.96mm) Pitch
341/391 SERIES
NUMBER OF CONTACTS
"A"
"B"
"C"
"D"
"D"
Single
Double
Inch
mm
Inch
mm
Inch
mm
Inch
mm
Inch
mm
5
10
1.375
(34.93)
1.075
(27.31)
0.775
(19.69)
0.600
(15.24)
0.400
(10.16)
6
12
1.475
(37.47)
1.175
(29.85)
0.875
(22.23)
0.700
(17.78)
0.500
(12.7)
10
20
1.875
(47.63)
1.575
(40.01)
1.275
(32.39)
1.100
(27.94)
0.900
(22.86)
15
30
2.375
(60.33)
2.075
(52.71)
1.775
(45.09)
1.600
(40.64)
1.400
(35.56)
18
36
2.675
(67.95)
2.375
(60.33)
2.075
(52.71)
1.900
(48.26)
1.700
(43.18)
22
44
3.075
(78.11)
2.775
(70.49)
2.475
(62.87)
2.300
(58.42)
2.100
(53.34)
25
50
3.375
(85.73)
3.075
(78.11)
2.775
(70.49)
2.600
(66.04)
2.400
(60.96)
28
56
3.675
(93.35)
3.375
(85.73)
3.075
(78.11)
2.900
(73.66)
2.700
(68.58)
30
60
3.875
(98.43)
3.575
(90.81)
3.275
(83.19)
3.100
(78.74)
2.900
(73.66)
36
72
4.475
(113.67)
4.175
(106.05)
3.875
(98.43)
3.700
(93.98)
3.500
(88.9)
40
80
4.875
(123.83)
4.575
(116.21)
4.275
(108.59)
4.100
(104.14)
3.900
(99.06)
43
86
5.175
(131.45)
4.875
(123.83)
4.575
(116.21)
4.400
(111.76)
4.200
(106.68)
50
100
5.875
(149.23)
5.575
(141.61)
5.275
(133.99)
5.100
(129.54)
4.900
(124.46)
60
120
6.875
(174.63)
6.575
(167.01)
6.275
(159.39)
6.100
(154.94)
5.900
(149.86)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com