Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

746-059-545-101 Datasheet(PDF) 2 Page - EDAC, All Rights Reserved.

Part # 746-059-545-101
Description  746 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

746-059-545-101 Datasheet(HTML) 2 Page - EDAC, All Rights Reserved.

  746-059-545-101 Datasheet HTML 1Page - EDAC, All Rights Reserved. 746-059-545-101 Datasheet HTML 2Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.edac.net
customerservice@edac.net
Press-Fit Card Edge Connectors 0.125” (3.175mm) Pitch
746 SERIES
NUMBER OF CONTACTS
"C"
"D"
"E"
Single
Double
Inch
mm
Inch
mm
Inch
mm
5
10
0.910
23.11
0.750
19.05
0.500
12.70
6
12
1.035
26.29
0.875
22.23
0.625
15.88
15
30
2.160
54.86
2.000
50.80
1.750
44.45
18
36
2.535
64.39
2.375
60.33
2.125
53.98
22
44
3.035
77.09
2.875
73.03
2.625
66.68
25
50
3.410
86.61
3.250
82.55
3.000
76.20
28
56
3.785
96.14
3.625
92.08
3.375
85.73
30
60
4.035
102.49
3.875
98.43
3.625
92.08
35
70
4.660
118.36
4.500
114.30
4.250
107.95
36
72
4.785
121.54
4.625
117.48
4.375
111.13
40
80
5.285
134.24
5.125
130.18
4.875
123.83
43
86
5.660
143.76
5.500
139.70
5.250
133.35
50
100
6.535
165.99
6.375
161.93
6.125
155.58
60
120
7.785
197.74
7.625
193.68
7.375
187.33
SECTION "Y" - "Y"
Backup Springs Depending upon
.080 (2.03) CUT OUT
CONTACT ROWS & INSULATOR OPTIONS
POLARIZING KEY
FOR IN-CONTACT
RECOMMENDED DAUGHTER BOARD
.125 (3.18)
RECOMMENDED MOTHER BOARD HOLE PATTERN
HOLES .040 ± .003 (1.02 ± 0.08) DIAMETER
FOLLOWED BY TIN PLATE TO PROVIDE FINISHED
COPPER PLATE, .001 (25.4 MICRONS) MINIMUM THICKNESS,
DRILL HOLES .0453 ± .001 (1.15 ± 0.03) DIAMETER
TO OBTAIN OPTIMUM COMPLIANT SECTION PERFORMANCE,
.008 (0.20) DIA
SEE NOTE BELOW
.040 (1.02) DIA ± .003 (0.08)
"E"
( "D"
ROW SPACING
THICK P.C. BOARD
.070 (1.78)
CARD SLOT ACCEPTS .054(1.37) TO
.250 (6.35)
-.015 (0.38)
+.000
.050 (1.27) CUT OUT
POLARIZING KEY
FOR BETWEEN CONTACT
MINUS .012 (0.30)
Single Row Versions May Require
the Application.
(MBB) CONTACTS
CODE 201
CODE 101 & 201
INSULATOR
106 & 206 - .440 (11.18)
101 & 201 - .535 (13.59)
CODES
BOARD
TAB
(9.91)
.390
"C"
"D"
(MBB) CONTACTS
CODE 206
.020 (0.51)
DEPTH PLUS
CARD SLOT
CARD SLOT
RECOMMENDED.
CONTACTS NOT
REGULAR POINT
HIGH POINT CONTACTS.
.160 (4.06)
.260 (6.60) REGULAR
POINT CONTACTS
.335 (8.51) HIGH
OR
POINT
.340 (8.64)
(13.08)
CARD SLOT
.515
& 206
CODE 106
.420
(13.97)
.550
(10.67) .550
(13.97)
.550
(13.97)
(6.22)
.245
.250
(8.64)
.340
.645
P.C. & WIRE WRAP TAILS
.025 (0.64) SQUARE
.125 (3.18)
"E"
.100
(2.54)
"G" ± 0.020"
(16.38)
"Y"
"Y"
.420
(10.67)
.515
(13.08)
CARD
(6.35)
SLOT
CODE 506
& 606
CODE 501 & 601
MBB CONTACTS
MUST BE USED IN PAIRS AND IN
INSULATOR AND CARD
SLOT DEPTH OPTION SHOWN
NOT AVAILABLE FOR 726 SERIES
501 & 601 - .360 (9.14)
506 & 606 - .265 (6.73)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com