Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

746-059-541-501 Datasheet(PDF) 1 Page - EDAC, All Rights Reserved.

Part # 746-059-541-501
Description  746 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

746-059-541-501 Datasheet(HTML) 1 Page - EDAC, All Rights Reserved.

  746-059-541-501 Datasheet HTML 1Page - EDAC, All Rights Reserved. 746-059-541-501 Datasheet HTML 2Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features:
www.edac.net
Specifications:
customerservice@edac.net
Ordering Code Notes:
1) All connector sizes up to 60 contacts single row / 120 contacts dual row
are available upon request.
2) Make-Before-Break switching contacts, assembled in specific contact
positions are available upon request.
Insulator Material
UL 94V-0 Thermoplastic Polyester, Black
Contact Material
Copper Alloy
Contact Plating
30µ” Gold Plating on mating area and Tin Plating on tails with Nickel underplating all over
Current Rating
3 amps
Contact Resistance
10 milliohms Maximum
Dielectric Withstanding Voltage
1500 V AC rms at sea level between adjacent contacts
Insulation Resistance
5000 megaohms Minimum
Operating Temperature
-40°C to +105°C
Insertion Force
16 oz (4.45 N) maximum per contact pair when tested with .070” (1.78mm) thick gauge
Withdrawal Force
1 oz (0.28 N) minimum per contact pair when tested with .054” (1.37mm) thick gauge
Contact insertion into Hole
20 lbs (89 N) Maximum
Contact Retention in Hole
10 lbs (44 N) Minimum
Re-Insertability in same Hole
3 Times Minimum
•
0.125” (3.175mm) contact spacing x 0.250” (6.35mm) row spacing
•
Accepts 0.062” (1.57mm) nominal thickness P.C. board
•
High profile insulator body, 0.645”(16.38mm) with notched ends option
•
Contact termination options include P.C. tail, and 0.025” (0.64mm) square wire wrap
•
Press-fit compliant section for gas tight reliable connection in plated through holes eliminates soldering
operations
•
Single or dual row configurations
•
Accepts between contact and in-contact polarizing keys (special features if requested)
•
Tools available for insulator and contact removal. Simple “flat rock” tooling is used for connector installation
•
RoHS Compliant & UL Certified
Press-Fit Card Edge Connectors 0.125” (3.175mm) Pitch
746 SERIES
746-070-520-206
Series
Total Number of Contacts
Contact Code
Contact Rows & Card Slot Depth
Insulator Options
Example Part Number:
Series:
746
Total Number of Contacts:
Contact Rows:
005, 006, . . . . 060
Single Row
010, 012, . . . . 120
Dual Row
Contact Code:
Description:
Contact Point:
Tail Length “G”:
520
P.C. Tail
Regular Point
.190 (4.83)
525
P.C. Tail
High Point
.190 (4.83)
527
P.C. Tail
High Point
.375 (9.53)
540
Wire Wrap
Regular Point
.560 (14.22)
541
Wire Wrap
Regular Point
.750 (19.05)
545
Wire Wrap
High Point
.190 (4.83)
553
Wire Wrap
High Point
.702 (17.83)
560
Make Before Break (MBB) Contacts
.190 (4.83)
Insulator Options:
Description:
01
.645”(16.38mm) Full Height Ends
06
.550”(13.97mm) Notched Ends
Contact Rows:
Description:
Card slot Depth:
1
Single Row
.515 (13.08) Slot Depth
2
Dual Row
.515 (13.08) Slot Depth
5
Single Row
.340 (8.64) Slot Depth
6
Dual Row
.340 (8.64) Slot Depth
P/N 306-240-318
BETWEEN CONTACT
POLARIZING KEY
P/N 745-240-328
IN-CONTACT
POLARIZING KEY


Similar Part No. - 746-059-541-501

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
746-059-541-501 EDAC-746-059-541-501 Datasheet
104Kb / 1P
746 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
More results

Similar Description - 746-059-541-501

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
746-005-525-101 EDAC-746-005-525-101 Datasheet
75Kb / 1P
746 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
AUG 20/09
746-005-525-106 EDAC-746-005-525-106 Datasheet
75Kb / 1P
746 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
AUG 20/09
746-005-540-501 EDAC-746-005-540-501 Datasheet
75Kb / 1P
746 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
AUG 20/09
746-005-541-101 EDAC-746-005-541-101 Datasheet
75Kb / 1P
746 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
AUG 20/09
746-005-541-106 EDAC-746-005-541-106 Datasheet
75Kb / 1P
746 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
AUG 20/09
746-005-541-501 EDAC-746-005-541-501 Datasheet
75Kb / 1P
746 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
AUG 20/09
746-005-545-101 EDAC-746-005-545-101 Datasheet
75Kb / 1P
746 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
AUG 20/09
746-005-553-101 EDAC-746-005-553-101 Datasheet
75Kb / 1P
746 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
AUG 20/09
746-006-520-101 EDAC-746-006-520-101 Datasheet
75Kb / 1P
746 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
AUG 20/09
746-006-540-101 EDAC-746-006-540-101 Datasheet
76Kb / 1P
746 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
AUG 20/09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com