Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX211ECAI Datasheet(PDF) 21 Page - Analog Devices

Part # MAX211ECAI
Description  ±15kV ESD-Protected, 5V RS-232 Transceivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX211ECAI Datasheet(HTML) 21 Page - Analog Devices

Back Button MAX211ECAI Datasheet HTML 17Page - Analog Devices MAX211ECAI Datasheet HTML 18Page - Analog Devices MAX211ECAI Datasheet HTML 19Page - Analog Devices MAX211ECAI Datasheet HTML 20Page - Analog Devices MAX211ECAI Datasheet HTML 21Page - Analog Devices MAX211ECAI Datasheet HTML 22Page - Analog Devices MAX211ECAI Datasheet HTML 23Page - Analog Devices MAX211ECAI Datasheet HTML 24Page - Analog Devices MAX211ECAI Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
*Dice are specified at TA = +25°C.
PART
TEMP RANGE
PIN-PACKAGE
MAX202ECUE
0°C to +70°C
16 TSSOP
MAX202ECWE
0°C to +70°C
16 Wide SO
MAX202EC/D
0°C to +70°C
Dice*
MAX202EEPE
-40°C to +85°C
16 Plastic DIP
MAX202EESE
-40°C to +85°C
16 Narrow SO
MAX202EEUE
-40°C to +85°C
16 TSSOP
MAX202EEWE
-40°C to +85°C
16 Wide SO
MAX203ECPP
0°C to +70°C
20 Plastic DIP
MAX203ECWP
0°C to +70°C
20 SO
MAX203EEPP
-40°C to +85°C
20 Plastic DIP
MAX203EEWP
-40°C to +85°C
20 SO
MAX205ECPG
0°C to +70°C
24 Wide Plastic DIP
MAX205EEPG
-40°C to +85°C
24 Wide Plastic DIP
MAX206ECNG
0°C to +70°C
24 Narrow Plastic DIP
MAX206ECWG
0°C to +70°C
24 SO
MAX206ECAG
0°C to +70°C
24 SSOP
MAX206EENG
-40°C to +85°C
24 Narrow Plastic DIP
MAX206EEWG
-40°C to +85°C
24 SO
MAX206EEAG
-40°C to +85°C
24 SSOP
MAX207ECNG
0°C to +70°C
24 Narrow Plastic DIP
MAX207ECWG
0°C to +70°C
24 SO
MAX207ECAG
0°C to +70°C
24 SSOP
MAX207EENG
-40°C to +85°C
24 Narrow Plastic DIP
MAX207EEWG
-40°C to +85°C
24 SO
MAX207EEAG
-40°C to +85°C
24 SSOP
PART
TEMP RANGE
PIN-PACKAGE
MAX208ECNG
0°C to +70°C
24 Narrow Plastic DIP
MAX208ECWG
0°C to +70°C
24 SO
MAX208ECAG
0°C to +70°C
24 SSOP
MAX208EENG
-40°C to +85°C
24 Narrow Plastic DIP
MAX208EEWG
-40°C to +85°C
24 SO
MAX208EEAG
-40°C to +85°C
24 SSOP
MAX211ECWI
0°C to +70°C
28 SO
MAX211ECAI
0°C to +70°C
28 SSOP
MAX211EEWI
-40°C to +85°C
28 SO
MAX211EEAI
-40°C to +85°C
28 SSOP
MAX213ECWI
0°C to +70°C
28 SO
MAX213ECAI
0°C to +70°C
28 SSOP
MAX213EEWI
-40°C to +85°C
28 SO
MAX213EEAI
-40°C to +85°C
28 SSOP
MAX232ECPE
0°C to +70°C
16 Plastic DIP
MAX232ECSE
0°C to +70°C
16 Narrow SO
MAX232ECWE
0°C to +70°C
16 Wide SO
MAX232EC/D
0°C to +70°C
Dice*
MAX232EEPE
-40°C to +85°C
16 Plastic DIP
MAX232EESE
-40°C to +85°C
16 Narrow SO
MAX232EEWE
-40°C to +85°C
16 Wide SO
MAX241ECWI
0°C to +70°C
28 SO
MAX241ECAI
0°C to +70°C
28 SSOP
MAX241EEWI
-40°C to +85°C
28 SO
MAX241EEAI
-40°C to +85°C
28 SSOP
www.analog.com
Analog Devices │ 21
MAX202E–MAX213E,
MAX232E/MAX241E
±15kV ESD-Protected,
5V RS-232 Transceivers
Ordering Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com