Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM3065EARZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM3065EARZ-R7
Description  3.0 V to 5.5 V, ±12 kV IEC ESD Protected, 500 kbps/50 Mbps RS-485 Transceivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3065EARZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADM3065EARZ-R7 Datasheet HTML 1Page - Analog Devices ADM3065EARZ-R7 Datasheet HTML 2Page - Analog Devices ADM3065EARZ-R7 Datasheet HTML 3Page - Analog Devices ADM3065EARZ-R7 Datasheet HTML 4Page - Analog Devices ADM3065EARZ-R7 Datasheet HTML 5Page - Analog Devices ADM3065EARZ-R7 Datasheet HTML 6Page - Analog Devices ADM3065EARZ-R7 Datasheet HTML 7Page - Analog Devices ADM3065EARZ-R7 Datasheet HTML 8Page - Analog Devices ADM3065EARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Data Sheet
ADM3061E/ADM3062E/ADM3063E/ADM3064E/
ADM3065E/ADM3066E/ADM3067E/ADM3068E
3.0 V to 5.5 V, ±12 kV IEC ESD Protected, 500 kbps/50 Mbps RS-485 Transceivers
Rev. H
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
TIA/EIA RS-485 compliant over full supply range
►
3.0 V to 5.5 V operating voltage range on VCC
►
1.62 V to 5.5 V VIO logic supply option available
►
ESD protection on the bus pins
►
IEC 61000-4-2 ≥ ±12 kV contact discharge
►
IEC 61000-4-2 ≥ ±12 kV air discharge
►
HBM ≥ ±30 kV
►
Full hot swap support (glitch free power-up/power-down)
►
High speed 50 Mbps data rate (ADM3065E/ADM3066E/
ADM3067E/ADM3068E)
►
Low speed 500 kbps data rate for long cables (ADM3061E/
ADM3062E/ADM3063E/ADM3064E)
►
Full receiver short-circuit, open circuit, and bus idle fail-safe
►
Extended temperature range up to 125°C
►
PROFIBUS compliant at VCC ≥ 4.5 V
►
Half-duplex and full duplex models available
►
Allows connection of up to 128 transceivers onto the bus
►
Space-saving package options
►
10-lead, 3 mm × 3 mm LFCSP
►
8-lead and 10-lead, 3 mm × 3 mm MSOP
►
8-lead and 14-lead, narrow-body SOIC
APPLICATIONS
►
Industrial fieldbuses
►
Process control
►
Building automation
►
PROFIBUS networks
►
Motor control servo drives and encoders
FUNCTIONAL BLOCK DIAGRAMS
Figure 1. ADM3061E/ADM3065E Functional Block Diagram
Figure 2. ADM3063E/ADM3067E Functional Block Diagram
Figure 3. ADM3062E/ADM3066E Functional Block Diagram
Figure 4. ADM3064E/ADM3068E Functional Block Diagram


Similar Part No. - ADM3065EARZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3065EARZ-R7 AD-ADM3065EARZ-R7 Datasheet
683Kb / 28P
IEC ESD Protected, 500 kbps/50 Mbps RS-485 Transceivers
6/2019-Rev. E to Rev. F
ADM3065EARZ-R7 AD-ADM3065EARZ-R7 Datasheet
594Kb / 27P
3.0 V to 5.5 V, 짹12 kV IEC ESD Protected, 500 kbps/50 Mbps RS-485 Transceivers
Rev. G
More results

Similar Description - ADM3065EARZ-R7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3485EB STMICROELECTRONICS-ST3485EB Datasheet
823Kb / 22P
3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
12-Nov-2007
logo
Analog Devices
ADM3485E AD-ADM3485E_10 Datasheet
303Kb / 16P
짹15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
logo
Texas Instruments
THVD1500 TI1-THVD1500 Datasheet
953Kb / 29P
300 kbps RS-485 Transceivers With 8-kV IEC ESD Protection
THVD1410 TI1-THVD1410 Datasheet
624Kb / 34P
3.3-V to 5-V RS-485 Transceivers With 짹16-kV IEC ESD Protection
THVD1410 TI1-THVD1410_18 Datasheet
1Mb / 42P
3.3-V to 5-V RS-485 Transceivers With 짹18-kV IEC ESD Protection
THVD1410 TI1-THVD1410_19 Datasheet
2Mb / 50P
3.3-V to 5-V RS-485 Transceivers With (,-)18-kV IEC ESD Protection
logo
Analog Devices
ADM3061E AD-ADM3061E Datasheet
683Kb / 28P
IEC ESD Protected, 500 kbps/50 Mbps RS-485 Transceivers
6/2019-Rev. E to Rev. F
logo
STMicroelectronics
ST3485EB STMICROELECTRONICS-ST3485EB_V01 Datasheet
441Kb / 24P
3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
Rev 11
logo
Analog Devices
ADM3061E AD-ADM3061E_V01 Datasheet
594Kb / 27P
3.0 V to 5.5 V, 짹12 kV IEC ESD Protected, 500 kbps/50 Mbps RS-485 Transceivers
Rev. G
ADM3485E AD-ADM3485E_V01 Datasheet
303Kb / 16P
±15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com