Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

638-062-231-059 Datasheet(PDF) 2 Page - EDAC, All Rights Reserved.

Part # 638-062-231-059
Description  638 Series D-Sub Connectors | Vertical High Density | PCB Mount | Metal Body | Receptacle
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

638-062-231-059 Datasheet(HTML) 2 Page - EDAC, All Rights Reserved.

  638-062-231-059 Datasheet HTML 1Page - EDAC, All Rights Reserved. 638-062-231-059 Datasheet HTML 2Page - EDAC, All Rights Reserved. 638-062-231-059 Datasheet HTML 3Page - EDAC, All Rights Reserved. 638-062-231-059 Datasheet HTML 4Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.edac.net
customerservice@edac.net
D-Sub Connectors: Vertical, High Density
637/638 SERIES
12.50
12.50
2.29
2.54
0.89
1.40
Ø1.05-15 HOLES
2.29
2.80
16.66
16.66
12.50
12.50
2.29
2.50
1.40
0.89
16.66
16.66
2.29
2.80
1.655
0.635
Ø1.05-26 HOLES
0.635
1.655
23.52
23.52
2.80
2.29
1.655
0.635
Ø1.05-44 HOLES
23.52
23.52
2.80
2.29
0.635
1.655
Ø1.05-26 HOLES
31.75
31.75
2.41
2.99
1.785
0.625
Ø1.05-62 HOLES
31.75
31.75
2.41
2.99
0.625
1.785
Ø1.05-62 HOLES
1
5
6
11
15
11
1
5
6
10
11
15
1
9
10
18
19
26
1
9
10
18
19
26
1
15
16
30
31
44
1
15
16
30
31
44
21
1
22
42
43
62
1
21
22
42
43
62
62 PIN
44 PIN
26 PIN
15 PIN
62 PIN
44 PIN
26 PIN
15 PIN
2-Ø3.05
2-Ø3.05
2-Ø3.05
C±0.15
B±0.10
A±0.35
6.10±0.35
10°-2
6.00
5.6 MAX
4.8±0.5
5.0
2-#4-40UNC
0.9
4.0 REF
C±0.15
B±0.10
A±0.35
6.10±0.35
10°-2
5.6 MAX
4.8±0.5
2-#4-40UNC
0.9
6.0
4.0
1.6
Ø1.05-15 HOLES
Ø1.05-44 HOLES
2-Ø3.05
30
44
15
1
16
31
1
16
31
30
44
15
PLUG 637 SERIES
STANDARD PROFILE
STANDARD PROFILE
RECEPTACLE 638 SERIES
CRIMP TYPE
CRIMP TYPE
6.10±0.35
6.00±0.35
15~62 CONTACT
15~62 CONTACT
6.10±0.35
6.00±0.35
78 CONTACT
78 CONTACT
16.00±0.35
16.00±0.35
16.00±0.35
16.00±0.35
NUMBER OF
CONTACTS
26
15
62
44
A
Inch
1.541
1.213
(mm)
(39.15)
(30.80)
2.728
2.087
(69.30)
(53.00)
RECEPTACLE
Inch
.970
.642
2.157
1.512
Inch
.994
.666
2.182
1.534
B
Inch
1.312
.984
(mm)
(33.32)
(24.99)
2.500
1.852
(63.50)
(47.04)
C
(mm)
PLUG
(25.25)
(16.92)
(55.42)
(38.96)
C
(24.65)
(16.30)
(mm)
(54.80)
(38.40)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com