| Electronic Components Datasheet Search |
|
726-059-541-101 Datasheet(PDF) 2 Page - EDAC, All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
726-059-541-101 Datasheet(HTML) 2 Page - EDAC, All Rights Reserved. |
|
2 / 2 page ![]() www.edac.net customerservice@edac.net Press-Fit Card Edge Connectors 0.125”(3.18mm) Pitch 726 SERIES NUMBER OF CONTACTS "C" "D" "E" Single Double Inch mm Inch mm Inch mm 5 10 0.910 23.11 0.750 19.05 0.500 12.70 6 12 1.035 26.29 0.875 22.23 0.625 15.88 15 30 2.160 54.86 2.000 50.80 1.750 44.45 18 36 2.535 64.39 2.375 60.33 2.125 53.98 22 44 3.035 77.09 2.875 73.03 2.625 66.68 25 50 3.410 86.61 3.250 82.55 3.000 76.20 28 56 3.785 96.14 3.625 92.08 3.375 85.73 30 60 4.035 102.49 3.875 98.43 3.625 92.08 35 70 4.660 118.36 4.500 114.30 4.250 107.95 36 72 4.785 121.54 4.625 117.48 4.375 111.13 40 80 5.285 134.24 5.125 130.18 4.875 123.83 43 86 5.660 143.76 5.500 139.70 5.250 133.35 50 100 6.535 165.99 6.375 161.93 6.125 155.58 60 120 7.785 197.74 7.625 193.68 7.375 187.33 SECTION "Y" - "Y" Backup Springs Depending upon .080 (2.03) CUT OUT CONTACT ROWS & INSULATOR OPTIONS POLARIZING KEY FOR IN-CONTACT RECOMMENDED DAUGHTER BOARD .125 (3.18) RECOMMENDED MOTHER BOARD HOLE PATTERN HOLES .040 ± .003 (1.02 ± 0.08) DIAMETER FOLLOWED BY TIN PLATE TO PROVIDE FINISHED COPPER PLATE, .001 (25.4 MICRONS) MINIMUM THICKNESS, DRILL HOLES .0453 ± .001 (1.15 ± 0.03) DIAMETER TO OBTAIN OPTIMUM COMPLIANT SECTION PERFORMANCE, .008 (0.20) DIA SEE NOTE BELOW .040 (1.02) DIA ± .003 (0.08) "E" ( "D" ROW SPACING THICK P.C. BOARD .070 (1.78) CARD SLOT ACCEPTS .054(1.37) TO .250 (6.35) -.015 (0.38) +.000 .050 (1.27) CUT OUT POLARIZING KEY FOR BETWEEN CONTACT MINUS .012 (0.30) Single Row Versions May Require the Application. CODE 101 & 201 .440 (11.18) BOARD TAB (9.91) .390 "C" "D" .020 (0.51) DEPTH PLUS CARD SLOT .260 (6.60) REGULAR POINT CONTACTS .335 (8.51) HIGH MEDIUM POINT OR POINT .290 (7.37) CARD SLOT .250 (8.64) .340 P.C. & WIRE WRAP TAILS .025 (0.64) SQUARE .125 (3.18) "E" .100 (2.54) "G" ± 0.020" "Y" "Y" (6.35) .550 (13.97) .420 (10.70) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |