Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

726-059-525-101 Datasheet(PDF) 1 Page - EDAC, All Rights Reserved.

Part # 726-059-525-101
Description  726 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing | Low Profile Insulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

726-059-525-101 Datasheet(HTML) 1 Page - EDAC, All Rights Reserved.

  726-059-525-101 Datasheet HTML 1Page - EDAC, All Rights Reserved. 726-059-525-101 Datasheet HTML 2Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features:
www.edac.net
Specifications:
customerservice@edac.net
Ordering Code Notes:
1) All connector sizes up to 60 contacts single row/ 120 contacts dual
row are available upon request
Contact Rows:
Description:
1
Single Row, .420 (10.70) Slot Depth
2
Dual Row, .420 (10.70) Slot Depth
Insulator Options:
Description:
01
.550 (13.97) Full Height Ends
Contact Code:
Description:
Contact Point:
Tail Length "G":
520
P.C. Tail
Regular Point
.190 (4.83)
525
P.C. Tail
High Point
.190 (4.83)
527
P.C. Tail
High Point
.375 (9.53)
540
Wire Wrap
Regular Point
.560 (14.22)
541
Wire Wrap
Regular Point
.750 (19.05)
545
Wire Wrap
High Point
.560 (14.22)
553
Wire Wrap
Medium Point
.702(17.83)
Series:
726
Total Number of Contacts:
Contact Rows:
005, 006, ..., 060
Single Row
010, 012, ..., 120
Dual Row
Insulator Material
Thermoplastic Polyester, UL 94V-0, Black Color
Contact Material
Copper Alloy
Contact Plating
30µ” Gold Plating on mating area and Tin Plating on tails with Nickel underplating all over
Current Rating
3 amps
Dielectric Withstanding Voltage
1500 V AC rms at sea level between adjacent contacts
Insulation Resistance
5000 megohms minimum
Operating Temperature
-40°C to +105°C
Insertion Force
16 oz (4.45 N) maximum per contact pair when tested with .070” (1.78mm) thick gauge
Withdrawal Force
1 oz (0.28 N) minimum per contact pair when tested with .054” (1.37mm) thick gauge
Contact insertion into Hole
20 lbs (89 N) Maximum
Contact Retention in Hole
10 lbs (44 N) Minimum
Re-Insertability in same Hole
3 Times Minimum
•
0.125”(3.18mm) contact spacing x 0.250”(6.35mm) row spacing
•
Accepts 0.062”(1.57mm) nominal thickness P.C. board
•
Low profile insulator body
•
Press-Fit compliant section for gas tight reliable connection in plated through holes eliminates soldering opertion
•
Contact termination options include P.C. tail and 0.025”(0.64mm) square wire wrap
•
Single or dual row configurations
•
Accepts between contacts and in-contact polarizing keys
•
Tools available for insulator and contact removal. Simple “flat rock” tooling is used for connector installation
•
RoHS Compliant & UL Certified
Press-Fit Card Edge Connectors 0.125”(3.18mm) Pitch
726 SERIES
726-070-525-201
Series
Total Number of Contacts
Contact Code
Contact Rows& Card Slot Depth
Example Part Number:
Insulator Options
P/N 306-240-318
BETWEEN CONTACT
POLARIZING KEY
P/N 745-240-328
IN-CONTACT
POLARIZING KEY


Similar Part No. - 726-059-525-101

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
726-059-525-101 EDAC-726-059-525-101 Datasheet
104Kb / 1P
726 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing | Low Profile Insulator
More results

Similar Description - 726-059-525-101

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
726-005-527-101 EDAC-726-005-527-101 Datasheet
74Kb / 1P
726 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing | Low Profile Insulator
AUG 20/09
726-006-520-101 EDAC-726-006-520-101 Datasheet
75Kb / 1P
726 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing | Low Profile Insulator
AUG 20/09
726-006-541-101 EDAC-726-006-541-101 Datasheet
75Kb / 1P
726 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing | Low Profile Insulator
AUG 20/09
726-006-553-101 EDAC-726-006-553-101 Datasheet
75Kb / 1P
726 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing | Low Profile Insulator
AUG 20/09
726-007-520-101 EDAC-726-007-520-101 Datasheet
76Kb / 1P
726 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing | Low Profile Insulator
AUG 20/09
726-007-527-101 EDAC-726-007-527-101 Datasheet
75Kb / 1P
726 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing | Low Profile Insulator
AUG 20/09
726-007-553-101 EDAC-726-007-553-101 Datasheet
76Kb / 1P
726 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing | Low Profile Insulator
AUG 20/09
726-008-553-101 EDAC-726-008-553-101 Datasheet
77Kb / 1P
726 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing | Low Profile Insulator
AUG 20/09
726-009-525-101 EDAC-726-009-525-101 Datasheet
76Kb / 1P
726 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing | Low Profile Insulator
AUG 20/09
726-009-541-101 EDAC-726-009-541-101 Datasheet
77Kb / 1P
726 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing | Low Profile Insulator
AUG 20/09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com