Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8317 Datasheet(PDF) 3 Page - Texas Instruments

Part # DRV8317
Description  DRV8317 Three-Phase PWM Motor Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8317 Datasheet(HTML) 3 Page - Texas Instruments

  DRV8317 Datasheet HTML 1Page - Texas Instruments DRV8317 Datasheet HTML 2Page - Texas Instruments DRV8317 Datasheet HTML 3Page - Texas Instruments DRV8317 Datasheet HTML 4Page - Texas Instruments DRV8317 Datasheet HTML 5Page - Texas Instruments DRV8317 Datasheet HTML 6Page - Texas Instruments DRV8317 Datasheet HTML 7Page - Texas Instruments DRV8317 Datasheet HTML 8Page - Texas Instruments DRV8317 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 69 page
background image
5 Device Comparison Table
DEVICE
PACKAGES
INTERFACE
DRV8317S
36-pin WQFN (5-mm x 4-mm)
SPI
DRV8317H
Hardware (Pin)
Table 5-1. DRV8317S vs DRV8317H Configuration Comparison
Parameters
DRV8317S
DRV8317H
PWM control mode
PWM_MODE (4 settings)
MODE pin (2 settings)
Slew rate
SLEW_RATE (4 settings)
SLEW pin (4 settings)
Current sense amplifier gain
CSA_GAIN (4 settings)
GAIN pin (4 settings)
OCP blanking time
OCP_TBLANK (4 settings)
Fixed to 0.7-µs
OCP deglitch time
OCP_DEG (4 settings)
Fixed to 0.6-µs
OCP mode
OCP_MODE (4 settings), Configurable retry
time
5-ms automatic retry
Dead time
Fixed based on SLEW_RATE setting
Fixed based on SLEW pin setting
Propagation delay
Fixed based on SLEW_RATE setting
Fixed based on SLEW pin setting
Driver delay compensation
DLYCMP_EN (2 settings)
Disabled
Spread Spectrum Clock for internal oscillator
SSC_DIS (2 settings)
Enabled
VM under voltage lockout
VM under voltage protection always enabled.
VM under voltage protection mode set
by UVP_MODE (2 settings); configurable
retry time using SLOW_TRETRY and
FAST_TRETRY.
VM under voltage protection always enabled.
Auto-retry mode for VM under voltage with
5-ms retry time.
VIN_AVDD, AVDD under voltage lockout
VIN_AVDD and AVDD under voltage
protection always enabled. Device resets on
VIN_AVDD or AVDD under voltage.
VIN_AVDD and AVDD under voltage
protection always enabled. Device resets on
VIN_AVDD or AVDD under voltage.
CP under voltage lockout
CP under voltage protection always enabled.
CP under voltage protection mode set
by UVP_MODE (2 settings); configurable
retry time using SLOW_TRETRY and
FAST_TRETRY.
CP under voltage protection always enabled.
Auto-retry mode for CP under voltage with
5-ms retry time.
VM over voltage
OVP_MODE (2 settings); configurable
retry time using SLOW_TRETRY and
FAST_TRETRY
5-ms automatic retry
SPI fault
SPIFLT_MODE (2 settings)
N/A
FET over temperature warning (OTW_FET)
Enable/disable using OTW_FET_EN. If
enabled, over temperature warning is
reported on nFAULT pin and OTW_FET bit
in OT_STS register.
Disabled
FET over temperature shutdown (OTS_FET)
OTF_MODE (2 settings); configurable
retry time using SLOW_TRETRY and
FAST_TRETRY
5-ms automatic retry
www.ti.com
DRV8317
SLVSGT3 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: DRV8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com