Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

725-059-520-101 Datasheet(PDF) 2 Page - EDAC, All Rights Reserved.

Part # 725-059-520-101
Description  725 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

725-059-520-101 Datasheet(HTML) 2 Page - EDAC, All Rights Reserved.

  725-059-520-101 Datasheet HTML 1Page - EDAC, All Rights Reserved. 725-059-520-101 Datasheet HTML 2Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.edac.net
customerservice@edac.net
Press-Fit Card Edge Connectors 0.100” (2.54mm) Pitch
725 SERIES
NUMBER OF CONTACTS
"C"
"D"
"E"
Single
Double
Inch
mm
Inch
mm
Inch
mm
5
10
0.760
19.30
0.600
15.24
0.400
10.16
10
20
1.260
32.00
1.100
27.94
0.900
22.86
15
30
1.760
44.70
1.600
40.64
1.400
35.56
18
36
2.060
52.32
1.900
48.26
1.700
43.18
22
44
2.460
62.48
2.300
58.42
2.100
53.34
25
50
2.760
70.10
2.600
66.04
2.400
60.96
28
56
3.060
77.72
2.900
73.66
2.700
68.58
30
60
3.260
82.80
3.100
78.74
2.900
73.66
31
62
3.360
85.34
3.200
81.28
3.000
76.20
35
70
3.760
95.50
3.600
91.44
3.400
86.36
36
72
3.860
98.04
3.700
93.98
3.500
88.90
43
86
4.560
115.82
4.400
111.76
4.200
106.68
50
100
5.260
133.60
5.100
129.54
4.900
124.46
75
150
7.760
197.10
7.600
193.04
7.400
187.96
Backup Springs Depending upon
.080 (2.03) CUT OUT
POLARIZING KEY
FOR IN-CONTACT
RECOMMENDED DAUGHTER BOARD
CONTACT POINT
.100 (2.54)
RECOMMENDED MOTHER BOARD HOLE PATTERN
HOLES .040 ± .003 (1.02 ± 0.08) DIAMETER
COPPER PLATE, .001 (25.4 MICRONS) MINIMUM THICKNESS,
DRILL HOLES .0453 ± .001 (1.15 ± 0.03) DIAMETER
TO OBTAIN OPTIMUM COMPLIANT SECTION PERFORMANCE,
.008 (0.20) DIA
SEE NOTE BELOW
.040 (1.02) DIA ± .003 (0.08)
"E"
.440 (11.18)
( "D"
.100 (2.54)
ROW SPACING
THICK P.C. BOARD
.070 (1.78)
CARD SLOT ACCEPTS .054(1.37) TO
.200 (5.08)
.200 (5.08)
.300
.550
(13.97)
"G" ±0.020"
.100
(2.54)
.350
(8.89)
.025 (0.64) SQUARE
P.C. & WIRE WRAP TAILS
"E"
"Y"
"Y"
TAB
BOARD
"C"
"D"
CUT OUTS
-.015 (0.38)
+.000
.050 (1.27) CUT OUT
POLARIZING KEY
FOR BETWEEN CONTACT
MINUS .012 (0.30)
.535
(13.59) KEY
.230 (5.84)
SLOT
CARD
.420
(10.67)
(7.62)
Single Row Versions May Require
the Application.
CODE 101
CODE 201
(M.B.B) POINT CONTACTS
MAKE BEFORE BREAK
FOLLOWED BY TIN PLATE TO PROVIDE FINISHED



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com