Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

628-015-221-059 Datasheet(PDF) 1 Page - EDAC, All Rights Reserved.

Part # 628-015-221-059
Description  628 (Metal) Series D-Sub Connectors | .109"(2.77mm) Contact Spacing x .112" (2.84mm) Row Spacing | Vertical | Receptacle | Metal Body
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

628-015-221-059 Datasheet(HTML) 1 Page - EDAC, All Rights Reserved.

  628-015-221-059 Datasheet HTML 1Page - EDAC, All Rights Reserved. 628-015-221-059 Datasheet HTML 2Page - EDAC, All Rights Reserved. 628-015-221-059 Datasheet HTML 3Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features:
www.edac.net
Specifications:
customerservice@edac.net
Ordering Code:
Insulator Material
Thermoplastic polyester, UL 94V-0, chemical resistant, color: Black
Contact Material
Plug (pin): Brass
Receptacle (socket): Brass
Contact Plating
Selective gold (see ordering code) over nickel for the mating area, tin plating for tail area
Ferrite Specs:
20dB minimum @30 MHz, 30dB minimum @50 MHz, and 50dB minimum @100 MHz
Shell Material
Nickel plated steel (optional tin plating)
Current Rating
3 amps - 5 amps
Contact Resistance
25 milliohms maximum
Insulation Resistance
1000 megaohms minimum
Dielectric Withstanding Voltage
1000 V AC rms at Sea Level
Operating Temperature
-55°C To +85°C (upto +125°C for high temp)
Insertion Force
16 oz (4.45 N) Maximum Per Contact Position
Withdrawal Force
1 oz (0.28 N) Minimum Per Contact Position
•
Standard and high profile insulator styles are available
•
0.109”(2.77mm) contact spacing x 0.112”(2.84mm) row spacing
•
Plug and receptacle in 9, 15, 25, 37 or 50 contact sizes
•
Pin and socket contact mating design with P.C. tail termination
•
Metal shell provides EMI/RFI shielding, plug shell indents provide grounding and additional mating retention
•
Grounding features include boardlock for exceptional retention to P.C. board
•
Mounting options for panel mount or connector mating include through hole, threaded hole and threaded
standoffs
•
D-shaped connector mating outline provides polarization
•
Design based on requirements of MIL-C-24038, EIA RS-232 and RS-449
D-Sub Connectors: Vertical, Metal Body
627/628 SERIES
Contact P/N:
Description:
Wire Gauge (AWG):
628-292-001
On reel
24-28
628-292-001P60 60 pcs/strip
24-28
Contact P/N:
Description:
Wire Gauge (AWG):
627-290-001
On reel
24-28
627-290-001P60
60 pcs/strip
24-28
SERIES:
627:PLUG(PIN)
628:RECEPTACLE(SOCKET)
627-025-220-043
NO. OFCONTACTS:
009- 9CONTACTS 025- 25CONTACTS
015- 15CONTACTS 037- 37CONTACTS
050- 50CONTACTS(STANDARDPROFILE&C&LONLY)
CONTACTFINISH CODE:
2-GOLDFLASHPLATING
3-15µ"OFGOLDPLATING
6-30µ"OFGOLDPLATING
CONTACTCODE:
20-PCBTAILSTANDARDPROFILEINSULATOR
21-PCBTAILHIGHPROFILEINSULATOR:STANDARDLENGTH
22-SOLDERCUP(STANDARDPROFILEONLY)
28-0.110"(2.80mm)PCTAILWITHFERRITEFILTER(STANDARDPROFILEONLY)
41-PCBTAILHIGHPROFILE: ONLYAVAILABLEWITH11.7mmBOARDLOCKS
51-PCBTAILHIGHPROFILE:ONLYAVAILABLEWITH12.7mmBOARDLOCKS
61-PCBTAILHIGHPROFILE:ONLYAVAILABLEWITH13.7mmBOARDLOCKS
71-PCBTAILHIGHPROFILE:ONLYAVAILABLEWITH14.2mmBOARDLOCKS
81-PCBTAILHIGHPROFILE:ONLYAVAILABLEWITH15.0mmBOARDLOCKS
91-PCBTAILHIGHPROFILE:ONLYAVAILABLEWITH10.8mmBOARDLOCKS
INSULATOR STYLE:
4- STANDARDPROFILE-STANDARDTEMP(N/AFOR CRIMP&LOADTERMINATION)
5-HIGH PROFILE-STANDARDTEMP
6-STANDARDPROFILE- HIGHTEMP(N/AFORCRIMP&LOADTERMINATION)
7-HIGH PROFILE-HIGHTEMP(N/AFOR CRIMP&LOADTERMINATION)
TERMINATION:
010- CRIMPANDLOAD(CABLEASSEMBLY)
SHELLPLATING:
0-NICKELPLATEDSHELL
2- TINPLATEDSHELL
FLANGEMOUNTINGOPTIONS:
1-DIA.120"(DIA.3.05MM) THROUGHHOLE
2-#4-40THREADEDCLINCHNUT(BOARDSIDE)
3-#4-40THREADEDSTANDOFF
6-#4-40THREADEDHOLEWITH BOARDLOCKS(N/AFORCRIMP&LOADTERMINATION)
7- #4-40THREADEDSTANDOFFWITHBOARDLOCKS (N/AFORCRIMP&LOADTERMINATION)
8- #4-40THREADEDCLINCHNUT(MATINGSIDE).236"(6.00mm)
9- #4-40THREADEDCLINCHNUT(BOARDSIDE).236"(6.00mm)


Similar Part No. - 628-015-221-059

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
628-015-221-059 EDAC-628-015-221-059 Datasheet
95Kb / 1P
628 (Metal) Series,D-Sub Connectors | .109"(2.77mm) Contact Spacing x .112" (2.84mm) Row Spacing | Vertical | Receptacle | Metal Body
More results

Similar Description - 628-015-221-059

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
627-025-620-049 EDAC-627-025-620-049 Datasheet
97Kb / 1P
627 (Metal) Series D-Sub Connectors | 0.109" (2.77mm) Contact Spacing x 0.112" (2.84mm) Row Spacing | Vertical | Plug | Metal Body
627-025-620-243 EDAC-627-025-620-243 Datasheet
99Kb / 1P
627 (Metal) Series D-Sub Connectors | 0.109" (2.77mm) Contact Spacing x 0.112" (2.84mm) Row Spacing | Vertical | Plug | Metal Body
627-025-620-246 EDAC-627-025-620-246 Datasheet
98Kb / 1P
627 (Metal) Series D-Sub Connectors | 0.109" (2.77mm) Contact Spacing x 0.112" (2.84mm) Row Spacing | Vertical | Plug | Metal Body
627-025-620-248 EDAC-627-025-620-248 Datasheet
98Kb / 1P
627 (Metal) Series D-Sub Connectors | 0.109" (2.77mm) Contact Spacing x 0.112" (2.84mm) Row Spacing | Vertical | Plug | Metal Body
627-025-620-262 EDAC-627-025-620-262 Datasheet
97Kb / 1P
627 (Metal) Series D-Sub Connectors | 0.109" (2.77mm) Contact Spacing x 0.112" (2.84mm) Row Spacing | Vertical | Plug | Metal Body
627-025-620-266 EDAC-627-025-620-266 Datasheet
98Kb / 1P
627 (Metal) Series D-Sub Connectors | 0.109" (2.77mm) Contact Spacing x 0.112" (2.84mm) Row Spacing | Vertical | Plug | Metal Body
627-025-621-053 EDAC-627-025-621-053 Datasheet
99Kb / 1P
627 (Metal) Series D-Sub Connectors | 0.109" (2.77mm) Contact Spacing x 0.112" (2.84mm) Row Spacing | Vertical | Plug | Metal Body
627-025-621-056 EDAC-627-025-621-056 Datasheet
99Kb / 1P
627 (Metal) Series D-Sub Connectors | 0.109" (2.77mm) Contact Spacing x 0.112" (2.84mm) Row Spacing | Vertical | Plug | Metal Body
628-PLASTIC-SERIES EDAC-628-PLASTIC-SERIES Datasheet
260Kb / 2P
628 (Plastic) Series D-Sub Connectors | .109"(2.77mm) Contact Spacing x .112" (2.84mm) Row Spacing | Vertical | Receptacle | Plastic Body
628M-SERIES EDAC-628M-SERIES Datasheet
340Kb / 3P
628M Series D-Sub Connectors | Machined Pins | .109"(2.77mm) Contact Spacing x .112"(2.84mm) Row Spacing | Vertical | Receptacle
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com