Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

662-009-264-059 Datasheet(PDF) 1 Page - EDAC, All Rights Reserved.

Part # 662-009-264-059
Description  662 Series D-Sub Connectors | .109"(2.77mm) Contact Spacing x .112"(2.84mm) Row Spacing | Receptacle over Receptacle | Dual Port | Right Angle
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

662-009-264-059 Datasheet(HTML) 1 Page - EDAC, All Rights Reserved.

  662-009-264-059 Datasheet HTML 1Page - EDAC, All Rights Reserved. 662-009-264-059 Datasheet HTML 2Page - EDAC, All Rights Reserved. 662-009-264-059 Datasheet HTML 3Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features:
www.edac.net
customerservice@edac.net
Ordering Code:
Specifications:
Insulator Material
Thermoplastic Polyester, UL 94V-0, Chemical Resistant, Color: Black
Contact Material
Plug (Pins): Brass
Receptacle (Socket): Brass or Phosphor Bronze
Contact Plating
Selective Gold (See Ordering Code) over Nickel for the Mating Area, Tin Plating for Tail Area
Ferrite Specs:
20dB MIN @30 MHz, 30dB MIN @50 MHz, and 50dB MIN @100 MHz (Optional)
Shell Material
Nickel Plated Steel
Current Rating
3 amps
Contact Resistance
25 Milliohms maximum
Insulation Resistance
5000 megaohms minimum
Dielectric Withstanding Voltage
1000 V AC rms at Sea Level
Operating Temperature
-55°C To +85°C
Insertion Force
16 oz (4.45 N) Maximum Per Contact Position
•
Two contact rows per connector with right angle bend
•
0.109”(2.77mm) contact spacing x 0.112”(2.84mm) row spacing
•
Plug and receptacle in 9, 15, 25 or 37 contact sizes
•
Pin and socket contact mating design with P.C. tail termination
•
Metal shell provides EMI/RFI shielding, plug shell indents provide grounding and additional mating retention
•
Board mounting features include grounding bracket with threaded hole or boardlocks for exceptional retention to
P.C. board
•
Flange mounting options for panel mount or connector mating include through hole, threaded inserts and
threaded standoffs
•
D-shaped connector mating outline provides polarization
•
Design based on requirements of MIL-C-24038, EIA RS-232 and RS-449
•
Additional grounding features or mounting options - contact customer service at customerservice@edac.net
D-Sub Connectors: Dual Port, Right Angle
661/662/663/664 SERIES
PLUG OVER PLUG
PLUG OVER RECEPTACLE
RECEPTACLE OVER PLUG
RECEPTACLE OVER RECEPTACLE
661 SERIES
663 SERIES
664 SERIES
662 SERIES
VERTICAL SPACING
VERTICAL SPACING
SERIES:
661: PLUG OVER PLUG
662: RECEPTACLE OVER RECEPTACLE
663: PLUG OVER RECEPTACLE
664: RECEPTACLE OVER PLUG
661-025-264-053
NO. OF CONTACTS (PER CONNECTOR):
009 - 9 CONTACTS 025 - 25 CONTACTS
015 - 15 CONTACTS 037 - 37 CONTACTS
CONTACT FINISH CODE:
2 - GOLD FLASH PLATING
3 - 15 MICROINCHES OF GOLD PLATING
6 - 30 MICROINCHES OF GOLD PLATING
CONTACT CODE:
64 - DUAL PORT RIGHT ANGLE BEND CONTACT
FLANGE MOUNTING OPTIONS:
1- .625"(15.88MM) M3 THREADED INSERT
2 - .625"(15.88MM) #4-40 UNC THREADED INSERT
3 - .625"(15.88MM) #4-40 UNC THREADED HEX STANDOFF
4 - .625"(15.88MM) .125" CLEAR HOLE INSERT
A - .750"(19.05MM) M3 THREADED INSERT
5 - .750"(19.05MM) #4-40 UNC THREADED INSERT
6 - .750"(19.05MM) #4-40 UNC THREADED HEX STANDOFF
7 - .750"(19.05MM) .125" CLEAR HOLE INSERT
C - .900"(22.86MM) M3 THREADED INSERT
8 - .900"(22.86MM) #4-40 UNC THREADED INSERT
9 - .900"(22.86MM) #4-40 UNC THREADED HEX STANDOF
0 - .900"(22.86MM) .125" CLEAR HOLE INSERT
EDAC INTERNAL:
0
BOARD GROUNDING FEATURE:
0 - Ø3.80mm THRU' HOLES
3 - 4x 2 PRONG BOARDLOCKS
4 - 2x 2 PRONG BOARDLOCKS (REAR ONLY)
5 - #4-40 THREADED HOLE


Similar Part No. - 662-009-264-059

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
662-009-264-059 EDAC-662-009-264-059 Datasheet
109Kb / 1P
662 Series,D-Sub Connectors | .109"(2.77mm) Contact Spacing x .112"(2.84mm) Row Spacing | Receptacle over Receptacle | Dual Port | Right Angle
More results

Similar Description - 662-009-264-059

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
628M-SERIES EDAC-628M-SERIES Datasheet
340Kb / 3P
628M Series D-Sub Connectors | Machined Pins | .109"(2.77mm) Contact Spacing x .112"(2.84mm) Row Spacing | Vertical | Receptacle
661-SERIES EDAC-661-SERIES Datasheet
529Kb / 3P
661 Series D-Sub Connectors | .109"(2.77mm) Contact Spacing x .112"(2.84mm) Row Spacing | Plug over Plug | Dual Port | Right Angle
663-SERIES EDAC-663-SERIES Datasheet
529Kb / 3P
663 Series D-Sub Connectors | .109"(2.77mm) Contact Spacing x .112"(2.84mm) Row Spacing | Plug over Receptacle | Dual Port | Right Angle
664-SERIES EDAC-664-SERIES Datasheet
529Kb / 3P
664 Series D-Sub Connectors | .109"(2.77mm) Contact Spacing x .112"(2.84mm) Row Spacing | Receptacle over Plug | Dual Port | Right Angle
630-W09-340-012 EDAC-630-W09-340-012 Datasheet
94Kb / 1P
630W Series,D-Sub Connectors | Waterproof | .109"(2.77mm) Contact Spacing x .112"(2.82mm) Row Spacing | Right Angle | Receptacle
630-W09-640-015 EDAC-630-W09-640-015 Datasheet
95Kb / 1P
630W Series,D-Sub Connectors | Waterproof | .109"(2.77mm) Contact Spacing x .112"(2.82mm) Row Spacing | Right Angle | Receptacle
630-W15-240-012 EDAC-630-W15-240-012 Datasheet
98Kb / 1P
630W Series,D-Sub Connectors | Waterproof | .109"(2.77mm) Contact Spacing x .112"(2.82mm) Row Spacing | Right Angle | Receptacle
630-W15-240-015 EDAC-630-W15-240-015 Datasheet
99Kb / 1P
630W Series,D-Sub Connectors | Waterproof | .109"(2.77mm) Contact Spacing x .112"(2.82mm) Row Spacing | Right Angle | Receptacle
630-W25-240-012 EDAC-630-W25-240-012 Datasheet
105Kb / 1P
630W Series,D-Sub Connectors | Waterproof | .109"(2.77mm) Contact Spacing x .112"(2.82mm) Row Spacing | Right Angle | Receptacle
630-W25-640-012 EDAC-630-W25-640-012 Datasheet
106Kb / 1P
630W Series,D-Sub Connectors | Waterproof | .109"(2.77mm) Contact Spacing x .112"(2.82mm) Row Spacing | Right Angle | Receptacle
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com