Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT901L-R Datasheet(PDF) 53 Page - Bridgetek Pte Ltd.

Part # FT901L-R
Description  Embedded Microcontroller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT901L-R Datasheet(HTML) 53 Page - Bridgetek Pte Ltd.

Back Button FT901L-R Datasheet HTML 49Page - Bridgetek Pte Ltd. FT901L-R Datasheet HTML 50Page - Bridgetek Pte Ltd. FT901L-R Datasheet HTML 51Page - Bridgetek Pte Ltd. FT901L-R Datasheet HTML 52Page - Bridgetek Pte Ltd. FT901L-R Datasheet HTML 53Page - Bridgetek Pte Ltd. FT901L-R Datasheet HTML 54Page - Bridgetek Pte Ltd. FT901L-R Datasheet HTML 55Page - Bridgetek Pte Ltd. FT901L-R Datasheet HTML 56Page - Bridgetek Pte Ltd. FT901L-R Datasheet HTML 57Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 67 page
background image
Copyright © Bridgetek Pte Ltd
53
FT900
/1/2/3 Revision C Embedded Microcontroller Datasheet
Version 1.0
Document No. BRT_000172 Clearance No.: BRT#087
Figure 6-5 - GPIO I/O ports connection
6.4
USB 2.0 Device and Host Interface
The example diagram in Figure 6-6 shows the FT900/1/2/3 series supporting one USB 2.0 host port and
one USB 2.0 device port, which makes FT900/1/2/3 system data transfer easier via a USB adapter.
USB2.0 Device
Port
VBUS_DTC/GPIO3 (60)
VBUS
D_DM (69)
D_DP (70)
DM
DP
GND
DRREF (71)
R
R
USB2.0 Host Port
FT900
USB
(59) PSW_N/GPIO2
VBUS
H_DM (72)
H_DP (73)
DM
DP
GND
HRREF (75)
R
(58) OC_N/GPIO1
(57) VBUS_DISCHG/
GPIO0
VBUS
R
R
VCC3V3
R
VBUS
Figure 6-6 - USB 2.0 ports connection
Slew rate bit
Enable output driver
Data output
Output driver capability
Data input
Schmitt trigger
Keeper
PU
PD
Keeper enable bit
Pull-down enable bit
Pull-up enable bit
Rpu
Rpd
ESD
ESD
VDDIO
VDDIO
PIN
FT900 I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com