| Electronic Components Datasheet Search |
|
FT813Q-R Datasheet(PDF) 61 Page - Bridgetek Pte Ltd. |
|
|
|||||||||||||||||||||||||||||
FT813Q-R Datasheet(HTML) 61 Page - Bridgetek Pte Ltd. |
|
61 / 63 page ![]() Copyright © Bridgetek Pte Ltd 61 FT81X Embedded Video Engine Datasheet Version 1.4 Document No.: BRT_000002 Clearance No.: BRT#004 Appendix B - List of Figures and Tables List of Figures Figure 2-1 FT81x Block Diagram .....................................................................................................3 Figure 2-2 FT81x System Design Diagram .......................................................................................3 Figure 4-1 SPI master and slave in the master read case................................................................. 14 Figure 4-2 Single/Dual SPI Interface connection ............................................................................. 14 Figure 4-3 Quad SPI Interface connection ...................................................................................... 15 Figure 4-4 Internal relaxation oscillator connection ......................................................................... 21 Figure 4-5 Crystal oscillator connection ......................................................................................... 21 Figure 4-6 External clock input ..................................................................................................... 21 Figure 4-7 RGB timing waveforms................................................................................................. 29 Figure 4-8 Resistive Touch screen connection................................................................................. 33 Figure 4-9 Touch screen connection .............................................................................................. 34 Figure 4-10 Internal regulator ...................................................................................................... 37 Figure 4-11 Power State Transition ............................................................................................... 38 Figure 6-1 SPI Interface Timing .................................................................................................... 50 Figure 6-2 RGB Interface Timing................................................................................................... 52 Figure 7-1 FT812 application circuit............................................................................................... 53 Figure 7-2 FT813 application circuit............................................................................................... 53 Figure 7-3 Backlight drive circuit .................................................................................................. 54 Figure 7-4 Audio filter and amplifier circuit..................................................................................... 54 Figure 8-1 VQFN-48 Package Dimensions ...................................................................................... 56 Figure 8-2 VQFN-56 Package Dimensions ...................................................................................... 56 Figure 8-3 FT81x Solder Reflow Profile .......................................................................................... 57 List of Tables Table 3-1 FT81x pin description.................................................................................................... 12 Table 4-1 QSPI channel selection.................................................................................................. 13 Table 4-2 Host memory read transaction ....................................................................................... 15 Table 4-3 Host memory write transaction ...................................................................................... 16 Table 4-4 Host command transaction ............................................................................................ 16 Table 4-5 Host command list........................................................................................................ 20 Table 4-6 Interrupt Flags bit assignment ....................................................................................... 20 Table 4-7 Font table format ......................................................................................................... 23 Table 4-8 ROM font table ............................................................................................................. 23 Table 4-9 ROM font ASCII character width in pixels......................................................................... 26 Table 4-10 ROM font Extended ASCII characters ............................................................................ 26 Table 4-11 RGB PCLK frequency ................................................................................................... 27 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |