Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VDRUS10T175XYE Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VDRUS10T175XYE
Description  VDR Metal Oxide Varistors Ultra Surge High Operating Temperature 125 °C
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDRUS10T175XYE Datasheet(HTML) 1 Page - Vishay Siliconix

  VDRUS10T175XYE Datasheet HTML 1Page - Vishay Siliconix VDRUS10T175XYE Datasheet HTML 2Page - Vishay Siliconix VDRUS10T175XYE Datasheet HTML 3Page - Vishay Siliconix VDRUS10T175XYE Datasheet HTML 4Page - Vishay Siliconix VDRUS10T175XYE Datasheet HTML 5Page - Vishay Siliconix VDRUS10T175XYE Datasheet HTML 6Page - Vishay Siliconix VDRUS10T175XYE Datasheet HTML 7Page - Vishay Siliconix VDRUS10T175XYE Datasheet HTML 8Page - Vishay Siliconix VDRUS10T175XYE Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
VDRUS Series
www.vishay.com
Vishay BCcomponents
Revision: 18-Oct-2021
1
Document Number: 29185
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VDR Metal Oxide Varistors Ultra Surge
High Operating Temperature 125 °C
LINKS TO ADDITIONAL RESOURCES
ORDERING INFORMATION
The varistors are available in a number of packaging
options:
•Bulk
• On tape on reel
• On tape in ammopack
The basic ordering code for each option is given in tables
titled Varistors on Tape on Reel, Varistors on Tape in
Ammopack, and Varistors in Bulk. To complete the catalog
number
and
to
determine
the
required
operating
parameters, see Electrical Data and Ordering Information
table.
Note
• Special lead-configuration as inside or outside crimped leads
available upon request
AGENCY APPROVALS
• cUL certificate
• ULus certificate
• VDE certificate
Note
• Agency approval documents, please see:
www.vishay.com/ppg?29185&documents
FEATURES
•Low
β high purity zinc oxide disc
• Halogen free high temperature resistant silicone
coated
• Straight or kinked leads
• Ultra high current surge/size ratio capability up
to 13 kA for US20 types
• Certified for operation up to 125 °C according to
UL 1449 edition 4, VDE/IEC 61051-1/2
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATION
• Overvoltage and transient voltage protection
DESCRIPTION
The varistors consist of a disc of low-ß ceramic material with
two solid copper leads (US20 types only) or copper clad
steel wire. The wires have a matte tin plating. They are
coated with UL 94 V-0 approved silicone lacquer, which
provides electrical, mechanical and climatic protection.
MOUNTING
The varistors are suitable for hand-mounting (bulk) or
automatic pick and place mounting (T and R). The parts can
be connected by wave soldering and pin-in-paste reflow
soldering under defined process conditions. Bending of the
leads for different angle placement is not recommended.
Typical Soldering
235 °C, duration: 5 s (Pb-bearing)
245 °C, duration: 5 s (lead (Pb)-free)
Resistance to Soldering Heat
260 °C, duration: 10 s max.
MARKING
The varistors are marked with the following information:
• Maximum continuous RMS voltage with - U suffix
• Series numbers
- 572 for VDRUS07
- 573 for VDRUS10
- 575 for VDRUS14
- 576 for VDRUS20
• Manufacture logo
• Date of manufacture (YYWW)
• Safety marks on VDRUS10-14-20 types
INFLAMMABILITY
The varistors are passive non-flammable. The encapsulation
is made of flame resistant silicone in accordance with
UL 94 V-0.
QUICK REFERENCE DATA
PARAMETER
VALUE
UNIT
Maximum continuous voltage in
operating temperature range:
RMS
115 to 680
V
DC
150 to 895
V
Maximum non-repetitive transient
current INRP (8 x 20 μs)
1800 to 13 000
A
Maximum energy
(10/1000 μs)
19 to 720
J
Detailed specification
Based on
IEC 61051-1
IEC 61051-2
IEC 61051-2-2
Storage temperature
-40 to +150
°C
Operating temperature
-40 to +125
°C
REG F313
333
DDD3 D
3D Models
Design Tools
Models


Similar Part No. - VDRUS10T175XYE

ManufacturerPart #DatasheetDescription
logo
HUAAN LIMITED
VDR 10D681K HUAAN-VDR 10D681K Datasheet
210Kb / 5P
10D ExplosionProof TypeSeries
VDR-10D101K HUAAN-VDR-10D101K Datasheet
210Kb / 5P
10D ExplosionProof TypeSeries
VDR-10D101KJ HUAAN-VDR-10D101KJ Datasheet
210Kb / 5P
10D ExplosionProof TypeSeries
VDR-10D102K HUAAN-VDR-10D102K Datasheet
210Kb / 5P
10D ExplosionProof TypeSeries
VDR-10D102KJ HUAAN-VDR-10D102KJ Datasheet
210Kb / 5P
10D ExplosionProof TypeSeries
More results

Similar Description - VDRUS10T175XYE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CNR-07D241K ETC1-CNR-07D241K Datasheet
1Mb / 24P
METAL OXIDE VARISTORS TRANSIENT / SURGE ABSORBERS
logo
Vishay Siliconix
46500 VISHAY-46500 Datasheet
255Kb / 18P
VDR Metal Oxide Varistors Standard
07-Jun-10
VDRS07B035BSE VISHAY-VDRS07B035BSE Datasheet
255Kb / 18P
VDR Metal Oxide Varistors Standard
07-Jun-10
VDRH10G040BKE VISHAY-VDRH10G040BKE Datasheet
245Kb / 20P
VDR Metal Oxide Varistors High Surge
29-Oct-12
VDRS14T175TSE VISHAY-VDRS14T175TSE Datasheet
255Kb / 18P
VDR Metal Oxide Varistors Standard
07-Jun-10
VDRS14T275BSE VISHAY-VDRS14T275BSE Datasheet
689Kb / 18P
VDR Metal Oxide Varistors Standard
24-Jun-09
VDRH VISHAY-VDRH Datasheet
248Kb / 25P
VDR Metal Oxide Varistors High Surge
19-Jun-15
VDRS VISHAY-VDRS Datasheet
228Kb / 20P
VDR Metal Oxide Varistors Standard
19-Jun-15
VDRH VISHAY-VDRH_V01 Datasheet
228Kb / 25P
VDR Metal Oxide Varistors High Surge
18-Oct-2021
VDRS VISHAY-VDRS_V01 Datasheet
212Kb / 20P
VDR Metal Oxide Varistors Standard
18-Oct-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com