Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1502 Datasheet(PDF) 2 Page - ams AG

Part # AS1502
Description  Digital Potentiometer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1502 Datasheet(HTML) 2 Page - ams AG

  AS1502 Datasheet HTML 1Page - ams AG AS1502 Datasheet HTML 2Page - ams AG AS1502 Datasheet HTML 3Page - ams AG AS1502 Datasheet HTML 4Page - ams AG AS1502 Datasheet HTML 5Page - ams AG AS1502 Datasheet HTML 6Page - ams AG AS1502 Datasheet HTML 7Page - ams AG AS1502 Datasheet HTML 8Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet AS1500/1/2/3
Revision 1.0, Oct 2004
Page 2 of 8
ABSOLUTE MAXIMUM RATINGS
(TA = 25°C, unless otherwise noted.)
Parameter
Limits
VDD to GND
–0.3V, +7V
VA, VB, VW to GND
0V, VDD
AX – BX, AX – WX, BX – WX
±20mA
Digital Input and Output Voltage to GND
0V, +7V
Operating Temperature Range
–40°C to +125°C
Maximum Junction Temperature (TJ max)
150°C
Storage Temperature
–65°C to +150°C
Package body temperature 1
260°C
Package Power Dissipation
(TJ max – TA) /
θJA
ESD 2
1kV
Table 1: Absolute Maximum Ratings
Pin
Name
Description
1
B
Terminal B RDAC
2
GND
Ground
3CSN
Chip Select Input, Active Low. When CS returns high,
data in the serial input register is loaded into the DAC
register.
4
SDI
Serial Data Input
5
CK
Serial Clock Input, Positive Edge Triggered.
6VDD
Positive power supply, specified for operation at both 3V
and 5V.
7
W
Wiper RDAC
8
A
Terminal A RDAC
Table 2: Pin Function Description
1
The reflow peak soldering temperature (body temperature) is specified according IPC/JEDEC J-STD-020C “Moisture/Reflow Sensitivity
Classification for non hermetic Solid State Surface Mount Devices”.
2
HBM MIL-Std883E 3015.7methods.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com