Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS40LP Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAS40LP
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS40LP Datasheet(HTML) 1 Page - Diodes Incorporated

  BAS40LP Datasheet HTML 1Page - Diodes Incorporated BAS40LP Datasheet HTML 2Page - Diodes Incorporated BAS40LP Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Lead-free Green
DS30503 Rev. 9 - 2
1 of 3
BAS40LP
www.diodes.com
ã Diodes Incorporated
BAS40LP
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
Forward Continuous Current
IFM
200
mA
Forward Surge Current
@ t < 1.0s
IFSM
600
mA
Operating Temperature Range
Tj
-55 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 3)
V(BR)R
40
V
IR = 10
mA
Forward Voltage (Note 3)
VF
——
380
1000
mV
tp < 300
ms, IF = 1.0mA
tp < 300
ms, IF = 40mA
Reverse Leakage Current (Note 3)
IR
20
200
nA
tp < 300
ms, VR = 30V
Total Capacitance
CT
2.3
5.0
pF
VR = 0V, f =1.0MHz
Reverse Recovery Time
trr
5.0
ns
IF = IR = 10mA to IR = 1.0mA,
RL = 100
W
·
Case: DFN1006-2
·
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminal Connections: Cathode Dot
·
Terminals: Finish - NiPdAu annealed over Copper
leadframe. Solderable per MIL-STD-202, Method 208
·
Ordering Information: See Page 2
·
Marking Code: 43, Dot Denotes Cathode Side
·
Weight: 0.001 grams
Mechanical Data
·
Low Forward Voltage Drop
·
Fast Switching
·
Ultra-Small Leadless Surface Mount Package
·
PN Junction Guard Ring for Transient and
ESD Protection
·
Lead Free By Design/RoHS Compliant (Note 1)
·
"Green" Device (Note 2)
·
Qualified to AEC-Q101 Standards for High Reliability
Maximum Ratings @ TA = 25°C unless otherwise specified
Electrical Characteristics @ TA = 25°C unless otherwise specified
Thermal Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Power Dissipation
Pd
250
mW
Thermal Resistance, Junction to Ambient Air
RqJA
400
°C/W
D
G
H
B
C
R
N
A
Notes:
1.
No purposefully added lead.
2.
Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3.
Short duration pulse test used to minimize self-heating effect.
DFN1006-2
Dim
Min
Max
Typ
A
0.95
1.075
1.00
B
0.55
0.675
0.60
C
0.45
0.55
0.50
D
0.20
0.30
0.25
G
0.47
0.53
0.50
H
0
0.05
0.03
N
¾¾
0.40
R
0.05
0.15
0.10
All Dimensions in mm
SPICE MODEL: BAS40LP


Similar Part No. - BAS40LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS40LP DIODES-BAS40LP Datasheet
96Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30503 Rev. 11 - 2
logo
GOOD-ARK Electronics
BAS40LP GOOD-ARK-BAS40LP Datasheet
373Kb / 4P
DFN 1.0X0.6-2L Plastic-Encapsulate Schottky Barrier Diode
logo
Micro Commercial Compon...
BAS40LP MCC-BAS40LP Datasheet
530Kb / 3P
120 mA Schottky Rectifier 40 Volts
logo
Diodes Incorporated
BAS40LP DIODES-BAS40LP Datasheet
329Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 16
BAS40LP-7 DIODES-BAS40LP-7 Datasheet
96Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30503 Rev. 11 - 2
More results

Similar Description - BAS40LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD421SD GTM-GD421SD Datasheet
170Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GDBAS40 GTM-GDBAS40 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com