Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VIPERGAN65 Datasheet(PDF) 18 Page - STMicroelectronics

Part # VIPERGAN65
Description  Advanced quasi-resonant offline high voltage converter with E-mode GaN HEMT
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPERGAN65 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button VIPERGAN65 Datasheet HTML 14Page - STMicroelectronics VIPERGAN65 Datasheet HTML 15Page - STMicroelectronics VIPERGAN65 Datasheet HTML 16Page - STMicroelectronics VIPERGAN65 Datasheet HTML 17Page - STMicroelectronics VIPERGAN65 Datasheet HTML 18Page - STMicroelectronics VIPERGAN65 Datasheet HTML 19Page - STMicroelectronics VIPERGAN65 Datasheet HTML 20Page - STMicroelectronics VIPERGAN65 Datasheet HTML 21Page - STMicroelectronics VIPERGAN65 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Figure 19. Blanking time variation vs. FB voltage with dynamical Blanking time active
5.8
Valley synchronization
The main feature of the QR converters is that the turn-on occurs at the valley of the resonance after the
secondary demagnetization, which is a function of primary inductance, LP and total capacitance of the drain node,
CD. With respect to the transformers’ demagnetization instant, the first valley occurs with a delay given by the
formula:
Equation 4
(4)
TVALLEY=π∙ LP∙CD
Since
TVALLEYcanchangealotbetweenonedesignandanother,itisnoteasytominimizetheturn-onlosses
using a fixed turn-on delay time after ZCD triggering. For this reason, the VIPERGAN65 integrates a special
function that can increase the default turn-on delay time after trigger,
TD−ONMIN
(197 ns typ.) to exactly synchronize the turn-on time at the valley of the resonance, minimizing the turn-on losses.
The pinout configuration is shown in Figure 1: the voltage divider made up by RTB and RDELAY samples the
auxiliary winding voltage which, during the GaN off-time, is representative of the output voltage.
Since in steady-state the output voltage is constant, and RTB value has already been selected to get the desired
dynamic blanking time, RDELAY can now be chosen to set the TB pin sampled voltage to the value corresponding
to the desired turn-on delay, according to Figure 20.
Figure 20. Typical Turn-on delay after triggering as function of the voltage on TB pin.
VIPERGAN65
Valley synchronization
DS14005 - Rev 2
page 18/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com