| Electronic Components Datasheet Search |
|
LARA-R6401D Datasheet(PDF) 21 Page - u-blox AG |
|
|
|||||||||||||||||||||||||||||
LARA-R6401D Datasheet(HTML) 21 Page - u-blox AG |
|
21 / 41 page ![]() LARA-R6 series - Data sheet UBX-21004391 - R09 Electrical specifications Page 21 of 41 C1-Public 4 Electrical specifications ⚠ Stressing the device above one or more of the ratings listed in the Absolute Maximum Rating section may cause permanent damage. These are stress ratings only. Operating the module at these or at any conditions other than those specified in the Operating Conditions sections (section 4.2) of the specification should be avoided. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability. ☞ Electrical characteristics are defined according to the verification on a representative number of samples or according to the simulation. ☞ Where application information is given, it is advisory only and does not form part of the specification. 4.1 Absolute maximum rating ☞ Limit values given below are in accordance with the Absolute Maximum Rating System (IEC 134). Symbol Description Condition Min. Max. Unit VCC Module supply voltage Input DC voltage at VCC pin –0.5 6.0 V VUSB_DET USB detection pin Input DC voltage at VUSB_DET pin –0.3 5.5 V USB USB D+/D- pins Input DC voltage at USB_D+ and USB_D- pins –0.3 3.6 V GDI Generic digital interfaces Input DC voltage at Generic digital interfaces pins –0.3 2.1 V I2C I2C interface Input DC voltage at I2C interface pins –0.3 2.1 V SIM SIM interface Input DC voltage at SIM interface pins –0.3 3.6 V ERS External reset signal Input DC voltage at RESET_N pin –0.3 2.1 V POS Power-on input Input DC voltage at PWR_ON pin –0.3 2.1 V Rho_ANT Antenna ruggedness Output RF load mismatch ruggedness at ANT pins 10:1 VSWR Tstg Storage Temperature –40 +85 °C Table 8: Absolute maximum ratings ⚠ The product is notprotected against overvoltage or reversed voltages. If necessary, voltage spikes exceeding the power supply voltage specification, given in the table above, must be limited to values within the specified boundaries by using appropriate protection devices. 4.1.1 Maximum ESD Parameter Min. Max. Unit Remarks ESD sensitivity for all pins 1000 V Human Body Model according to JS-001-2017 500 V Charged Device Model according to JS-002-2018 Table 9: Maximum ESD ratings ⚠ u-blox cellular modules are Electrostatic Sensitive Devices and require special precautions when handling. See section 7.4 for ESD handling instructions. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |