Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LARA-R6 Datasheet(PDF) 14 Page - u-blox AG

Part # LARA-R6
Description  Single or multi-mode LTE Cat 1 modules with Secure Cloud
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

LARA-R6 Datasheet(HTML) 14 Page - u-blox AG

Back Button LARA-R6 Datasheet HTML 10Page - u-blox AG LARA-R6 Datasheet HTML 11Page - u-blox AG LARA-R6 Datasheet HTML 12Page - u-blox AG LARA-R6 Datasheet HTML 13Page - u-blox AG LARA-R6 Datasheet HTML 14Page - u-blox AG LARA-R6 Datasheet HTML 15Page - u-blox AG LARA-R6 Datasheet HTML 16Page - u-blox AG LARA-R6 Datasheet HTML 17Page - u-blox AG LARA-R6 Datasheet HTML 18Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
LARA-R6 series - Data sheet
UBX-21004391 - R09
Interfaces
Page 14 of 41
C1-Public
2.5.1.1 Multiplexer protocol
LARA-R6 series modules include multiplexer functionality as per 3GPP TS 27.010 [9] on the main
primary UART physical interface. The multiplexer functionality is not supported on the secondary
auxiliary UART physical interface.
The multiplexer functionality is a data link protocol which uses HDLC-like framing and operates
between the module (DCE) and the application processor (DTE), allowing several simultaneous
sessions over the physical link (main primary UART): the user can concurrently use AT interface on
one MUX channel and data communication on another MUX channel.
The following virtual channels are available:
Multiplexer control
AT commands / data connection
GNSS data tunneling
2.5.2 USB interface
LARA-R6 series modules include a USB High-Speed 2.0 compliant interface with a maximum
480 Mbit/s data rate according to the Universal Serial Bus specification revision 2.0 [14]. The module
itself acts as a USB device and can be connected to any compatible USB host.
The USB interface is available for communication with a host application processor (AT commands,
data communication, GNSS tunneling, FW update by means of the FOAT feature), for FW update by
means of the u-blox EasyFlash tool and for diagnostics.
The USB_D+ / USB_D- lines carry the USB data and signaling. The USB interface is automatically
enabled by an external valid USB VBUS voltage applied on the VUSB_DET input pin of the module.
☞ The USB interface of the LARA-R6 series modules is enabled only if an external voltage detectable
as High logic level (see Table 25 for the electrical characteristics) is present at the VUSB_DET
input during the switch-on boot sequence of the module. This configuration can be changed by the
+UUSBDET AT command on all LARA-R6 series modules versions except LARA-R6001D-00B.
The USB interface makes several functions available with various capabilities and purposes, such as:
Virtual serial port over USB for AT commands and data communication
Virtual serial port over USB for GNSS tunneling
Virtual serial port over USB for Diagnostic log
The user can concurrently use AT command interface on one virtual serial port, and packet switched
/ circuit switched data communication on another virtual serial port over USB.
LARA-R6 series modules are compatible with the standard Linux/Android USB kernel drivers.
☞ It is highly recommended to provide access to the VUSB_DET, USB_D+, USB_D- pins for FW
update and for diagnostic purpose, by means of test points directly connected to the pins.
2.5.3 I2C interface
LARA-R6 series modules include an I2C-bus compatible interface (SDA and SCL pins) available to
communicate with an external u-blox GNSS chips / modules, and with external compatible I2C devices
as for example an audio codec: LARA-R6 series module acts as an I2C host which can communicate
with I2C local devices in accordance with the I2C bus specifications [15].
For more details regarding I2C interface usage and the integration with a u-blox GNSS receiver, see
the LARA-R6 series system integration manual [2], GNSS implementation application note [6], and
the I2C and GNSS AT commands description in the u-blox AT commands manual [1].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com