Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

725-059-520-101 Datasheet(PDF) 1 Page - EDAC, All Rights Reserved.

Part # 725-059-520-101
Description  725 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

725-059-520-101 Datasheet(HTML) 1 Page - EDAC, All Rights Reserved.

  725-059-520-101 Datasheet HTML 1Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.550 13.97
0.100 2.54
A
A
6.160 156.46
6.000 152.40
0.350 8.89
Thick P.C. Board
Card Slot Accepts
.054 (1.37) to .070 (1.78)
0.300 7.62
0.420 10.67
Card Slot
Point of Contact
.230 [5.84]
SECTION A-A
Contact Information
520-P.C. Tail, Regular Point - Tail LG.=.175(4.45)
.100" (2.54mm) Contact Spacing x .200" (5.08mm) Row Spacing
ACAD REFERENCE NO.
TORONTO, ONTARIO
YOUR CONNECTION TO QUALITY & SERVICE
EDAC INC
CANADA
CHECKED:
THESE DRAWINGS AND SPECIFICATIONS
ARE THE PROPERTY OF EDAC INC.,AND
SHALL NOT BE REPRODUCED,OR COPIED
OR USED AS THE BASIS FOR THE
MANUFACTURE OR SALE OF APPARATUS
WITHOUT WRITTEN PERMISSION.
SCALE:
DRAWING NUMBER
DRAWN:
DATE:
ISSUE
SHEET
DATE:
ISSUE NUMBER
ORIGINAL
1
THIS IS A C.A.D. GENERATED DRAWING
DO NOT MAKE MANUAL REVISIONS TO MASTER.
OF
725 Series Ultra-Mate Card Edge Connector - Press Fit
Part Number: 725-059-520-101
725-ENG MASTER
725-ENG MASTER
J.LEE
AUG31/09
1
1
1


Similar Part No. - 725-059-520-101

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
725-059-520-101 EDAC-725-059-520-101 Datasheet
249Kb / 2P
725 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
More results

Similar Description - 725-059-520-101

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
725-005-540-101 EDAC-725-005-540-101 Datasheet
76Kb / 1P
725 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
AUG31/09 A-A
725-005-545-101 EDAC-725-005-545-101 Datasheet
76Kb / 1P
725 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
AUG31/09 A-A
725-006-540-101 EDAC-725-006-540-101 Datasheet
76Kb / 1P
725 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
AUG31/09 A-A
725-008-525-101 EDAC-725-008-525-101 Datasheet
77Kb / 1P
725 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
AUG31/09
725-009-541-101 EDAC-725-009-541-101 Datasheet
78Kb / 1P
725 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
AUG31/09
725-010-522-201 EDAC-725-010-522-201 Datasheet
77Kb / 1P
725 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
AUG31/09
725-012-525-201 EDAC-725-012-525-201 Datasheet
78Kb / 1P
725 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
AUG31/09
725-014-540-201 EDAC-725-014-540-201 Datasheet
79Kb / 1P
725 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
AUG31/09
725-014-541-201 EDAC-725-014-541-201 Datasheet
79Kb / 1P
725 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
AUG31/09
725-012-540-101 EDAC-725-012-540-101 Datasheet
80Kb / 1P
725 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com