Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD73NP-101KB Datasheet(PDF) 2 Page - Sumida Corporation

Part # CD73NP-101KB
Description  CD73
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CD73NP-101KB Datasheet(HTML) 2 Page - Sumida Corporation

  CD73NP-101KB Datasheet HTML 1Page - Sumida Corporation CD73NP-101KB Datasheet HTML 2Page - Sumida Corporation CD73NP-101KB Datasheet HTML 3Page - Sumida Corporation CD73NP-101KB Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
仕 様 書
形
名
CD73
2-2.電気的特性
NO.
品
名
※1
表示
インダクタンス
[以内]
※2
D.C.R.
(mΩ)
[以下]
(at 20℃)
※3
定格電流
(A)
※4
S.R.F.
(MHz)
[参考値]
スミダ
コード
01
CD73NP-1ØØMC
4730-0068
02
CD73NP-1ØØMB
100M
10μH±20%
80.3(61.8)
1.44
38.7
4730-0089
03
CD73NP-12ØMC
4730-0069
04
CD73NP-12ØMB
120M
12μH±20%
89.7(69.0)
1.39
34.8
4730-0090
05
CD73NP-15ØMC
4730-0070
06
CD73NP-15ØMB
150M
15μH±20%
104(80.3)
1.24
31.7
4730-0091
07
CD73NP-18ØMC
4730-0071
08
CD73NP-18ØMB
180M
18μH±20%
111(85.0)
1.12
28.1
4730-0092
09
CD73NP-22ØMC
4730-0072
10
CD73NP-22ØMB
220M
22μH±20%
129(99.2)
1.07
26.3
4730-0093
11
CD73NP-27ØMC
4730-0073
12
CD73NP-27ØMB
270M
27μH±20%
153(118)
0.94
23.7
4730-0094
13
CD73NP-33ØMC
4730-0074
14
CD73NP-33ØMB
330M
33μH±20%
170(131)
0.85
21.3
4730-0095
15
CD73NP-39ØMC
4730-0076
16
CD73NP-39ØMB
390M
39μH±20%
217(167)
0.74
17.4
4730-0096
17
CD73NP-47ØMC
4730-0077
18
CD73NP-47ØMB
470M
47μH±20%
252(194)
0.68
15.5
4730-0098
19
CD73NP-56ØKC
4730-0078
20
CD73NP-56ØKB
560K
56μH±10%
282(217)
0.64
13.5
4730-0099
21
CD73NP-68ØKC
4730-0079
22
CD73NP-68ØKB
680K
68μH±10%
332(255)
0.59
11.9
4730-0100
23
CD73NP-82ØKC
4730-0080
24
CD73NP-82ØKB
820K
82μH±10%
406(312)
0.54
11.4
4730-0101
25
CD73NP-1Ø1KC
4730-0081
26
CD73NP-1Ø1KB
101K
100μH±10%
481(370)
0.51
10.5
4730-0102
27
CD73NP-121KC
4730-0082
28
CD73NP-121KB
121K
120μH±10%
536(412)
0.49
9.8
4730-0103
29
CD73NP-151KC
4730-0083
30
CD73NP-151KB
151K
150μH±10%
755(581)
0.40
8.5
4730-0104
31
CD73NP-181KC
4730-0084
32
CD73NP-181KB
181K
180μH±10%
1022(786)
0.36
7.9
4730-0105
33
CD73NP-221KC
4730-0085
34
CD73NP-221KB
221K
220μH±10%
1200(923)
0.31
7.1
4730-0106
35
CD73NP-271KC
4730-0087
36
CD73NP-271KB
271K
270μH±10%
1306(1045)
0.29
6.2
4730-0107
37
CD73NP-331KC
4730-0088
38
CD73NP-331KB
331K
330μH±10%
1495(1196)
0.28
5.6
4730-0109
※1: 品名表示の区分
(1) リール梱包の場合: CD73NP-XXXXC
(2) 箱梱包の場合: CD73NP-XXXXB
※2:測定周波数
L
10μH ~ 82μH
;
at 2.52 MHz
100μH ~330μH
;
at
1 kHz
※3:(
)内は、標準値とする。
※4:直流重畳特性に於て、インダクタンスが初期値より-10%となる電流、もしくは直流電流を流した
時のコイルの発熱が△t=40℃となる電流値の少ない方の値。(Ta=20℃を基準とする.)
3.保存温度範囲
−30℃∼+100℃
使用温度範囲
−30℃∼+100℃(コイルの発熱を含む。)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com