Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-T..RIA Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VS-T..RIA
Description  Medium Power Phase Control Thyristors (Power Modules), 50 A, 70 A, 90 A
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-T..RIA Datasheet(HTML) 2 Page - Vishay Siliconix

  VS-T..RIA Datasheet HTML 1Page - Vishay Siliconix VS-T..RIA Datasheet HTML 2Page - Vishay Siliconix VS-T..RIA Datasheet HTML 3Page - Vishay Siliconix VS-T..RIA Datasheet HTML 4Page - Vishay Siliconix VS-T..RIA Datasheet HTML 5Page - Vishay Siliconix VS-T..RIA Datasheet HTML 6Page - Vishay Siliconix VS-T..RIA Datasheet HTML 7Page - Vishay Siliconix VS-T..RIA Datasheet HTML 8Page - Vishay Siliconix VS-T..RIA Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
VS-T..RIA Series
www.vishay.com
Vishay Semiconductors
Revision: 27-Jul-2018
2
Document Number: 93756
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Available with dV/dt = 1000 V/μs, to complete code add S90 i.e. T90RIA80S90
ON-STATE CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
T50RIA
VALUES
T70RIA
VALUES
T90RIA
UNITS
Maximum average on-state current at
case temperature
IT(AV)
180° conduction, half sine wave
50
70
90
A
70
70
70
°C
Maximum RMS on-state current
IT(RMS)
80
110
141
A
Maximum peak, one-cycle on-state,
non-repetitive surge current
ITSM
t = 10 ms
No voltage
reapplied
Sine half wave,
initial
TJ = TJ maximum
1310
1660
1780
A
t = 8.3 ms
1370
1740
1870
t = 10 ms
100 % VRRM
reapplied
1100
1400
1500
t = 8.3 ms
1150
1460
1570
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
8550
13 860
15 900
A2s
t = 8.3 ms
7800
12 650
14 500
t = 10 ms
100 % VRRM
reapplied
6050
9800
11 250
t = 8.3 ms
5520
8950
10 270
Maximum I2
t for fusing
I2
t
t = 0.1 to 10 ms, no voltage reapplied
85 500
138 500 159 100
A2
s
Low level value of threshold voltage
VT(TO)1
(16.7 % x
 x I
T(AV) < I <  x IT(AV)), TJ maximum
0.97
0.77
0.78
V
High level value of threshold voltage
VT(TO)2
(I >
 x I
T(AV)), TJ maximum
1.13
0.88
0.88
Low level value of on-state slope
resistance
rt1
(16.7 % x
 x I
T(AV) < I <  x IT(AV)), TJ maximum
4.1
3.6
2.9
m
High level value of on-state slope
resistance
rt2
(I >
 x I
T(AV)), TJ maximum
3.3
3.2
2.6
Maximum on-state voltage drop
VTM
ITM =  x IT(AV), TJ = 25 °C, tp = 400 μs square
Average power = VT(TO) x IT(AV) + rf x (IT(RMS))2
1.60
1.55
1.55
V
Maximum forward voltage drop
VFM
ITM =  x IT(AV), TJ = 25 °C, tp = 400 μs square
Average power = VT(TO) x IT(AV) + rf x (IT(RMS))2
1.60
1.55
1.55
V
Maximum holding current
IH
Anode supply = 6 V, initial IT = 30 A, TJ = 25 °C
200
200
200
mA
Maximum latching current
IL
Anode supply = 6 V, resistive load = 10

Gate pulse: 10 V, 100 μs, TJ = 25 °C
400
400
400
SWITCHING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Typical turn-on time
tgd
TJ = 25 °C, Vd = 50 % VDRM, ITM = 50 A
Ig = 500 mA, tr  0.5, tp  6 μs
0.9
μs
Typical reverse recovery time
trr
TJ = 125 °C, ITM = 50 A, tp = 300 μs, dI/dt = 10 A/μs
3
Typical turn-off time
tq
TJ = TJ maximum, ITM = 50 A, tp = 300 μs, dI/dt = 15 A/μs, 
VR = 100 V, linear to 80 % VDRM
110
BLOCKING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum peak reverse and off-state
leakage current
IRRM,
IDRM
TJ = TJ maximum
15
mA
RMS isolation voltage
VISOL
50 Hz, circuit to base, all terminals shorted, TJ = 25 °C, t = 1 s
3500
V
Critical rate of rise of
off-state voltage
dV/dt
TJ = TJ maximum, linear to 80 % rated VDRM (1)
500
V/μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com