Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRP1238A-R22M Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # SRP1238A-R22M
Description  SRP1238A Series - Shielded Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP1238A-R22M Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  SRP1238A-R22M Datasheet HTML 1Page - Bourns Electronic Solutions SRP1238A-R22M Datasheet HTML 2Page - Bourns Electronic Solutions SRP1238A-R22M Datasheet HTML 3Page - Bourns Electronic Solutions SRP1238A-R22M Datasheet HTML 4Page - Bourns Electronic Solutions SRP1238A-R22M Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SRP1238A Series - Shielded Power Inductors
0
0
3.8
11.4
7.6
15.2
19
2
6
8
10
0
DC Current (A)
SRP1238A-5R6M
30
4
60
90
120
0
03
612
15
1
98
2
4
8
6
10
0
DC Current (A)
SRP1238A-6R8M
30
90
120
60
0
04
12
1
8
6
3
6
9
12
0
DC Current (A)
SRP1238A-8R2M
30
90
120
60
0
0
3.5
10.5
1
74
3
6
12
9
15
0
DC Current (A)
SRP1238A-100M
30
90
120
60
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
L vs. I Charts (Continued)
25
Time (Seconds)
REFLOW TIMES: 3 MAX.
150
200
217
tp (245 °C / 20~40 seconds)
TP (260 °C / 10 seconds max.)
PRE-HEATING
SOLDERING
NATURAL
COOLING
60 ~ 150 seconds
60 ~ 180 seconds
480 seconds max.
Electrical Schematic
Soldering Profile



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com