Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRP0420-R68K Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SRP0420-R68K
Description  SRP0420 Series - Shielded Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP0420-R68K Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SRP0420-R68K Datasheet HTML 1Page - Bourns Electronic Solutions SRP0420-R68K Datasheet HTML 2Page - Bourns Electronic Solutions SRP0420-R68K Datasheet HTML 3Page - Bourns Electronic Solutions SRP0420-R68K Datasheet HTML 4Page - Bourns Electronic Solutions SRP0420-R68K Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SRP0420 Series - Shielded Power Inductors
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
L vs. I Charts
120%
100%
80%
60%
40%
20%
0%
120%
100%
80%
60%
40%
20%
0%
SRP0420-R47K
SRP0420-1R0K
SRP0420-2R2K
SRP0420-100K
SRP0420-100K
SRP0420-1R0K
SRP0420-2R2K
SRP0420-R47K
0
4.0
8.0
12.0
16.0
20.0
0
2.4
4.8
7.2
12.0
9.6
0
2.4
4.8
7.2
9.6
12.0
120%
100%
80%
60%
40%
20%
0%
120%
100%
80%
60%
40%
20%
0%
IDC (A)
IDC (A)
0
1.6
3.2
4.8
6.4
8.0
IDC (A)
0
0.8
1.6
3.2
2.4
4.0
IDC (A)
IDC (A)
0
1.6
3.2
4.8
6.4
8.0
IDC (A)
0
1.1
2.2
3.3
4.4
5.5
IDC (A)
0
0.5
1.0
1.5
2.0
IDC (A)
50
40
30
20
10
0
50
40
30
20
10
0
50
40
30
20
10
0
50
40
30
20
10
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com