Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

845-059-524-604 Datasheet(PDF) 1 Page - EDAC, All Rights Reserved.

Part # 845-059-524-604
Description  845 Series High Temp Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

845-059-524-604 Datasheet(HTML) 1 Page - EDAC, All Rights Reserved.

  845-059-524-604 Datasheet HTML 1Page - EDAC, All Rights Reserved. 845-059-524-604 Datasheet HTML 2Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
.600 15.24
.420 10.67
A
A
6.000 152.40
6.160 156.46
6.475 164.47
6.735 171.07
2x
.156 3.96
CARD SLOT ACCEPTS
.054" [1.37] TO .070"[1.78]
THICK PCB
.100 2.54
.160 4.06
POINT OF
CONTACT
.330 8.38
CARD SLOT
.370 9.40
.200 5.08
SECTION A-A
Contact Dimensions:
524-P.C. Tail .018 Sq.(0.46 Sq.) - Tail LG=.175(4.45)
.100 (2.54) Contact Spacing x .200 (5.08) Row Spacing
INSULATOR MATERIAL: THERMOPLASTIC, UL 94V-0
•
CONTACT MATERIAL; COPPER TIN ALLOY
•
CONTACT PLATING: GOLD ON THE MATING AREA, TIN PLATING
ON THE CONTACT TAILS, NICKEL UNDERPLATE
ACAD REFERENCE NO.
TORONTO, ONTARIO
YOUR CONNECTION TO QUALITY & SERVICE
EDAC INC
CANADA
CHECKED:
THESE DRAWINGS AND SPECIFICATIONS
ARE THE PROPERTY OF EDAC INC.,AND
SHALL NOT BE REPRODUCED,OR COPIED
OR USED AS THE BASIS FOR THE
MANUFACTURE OR SALE OF APPARATUS
WITHOUT WRITTEN PERMISSION.
SCALE:
DRAWING NUMBER
DRAWN:
DATE:
ISSUE
SHEET
DATE:
ISSUE NUMBER
ORIGINAL
1
THIS IS A C.A.D. GENERATED DRAWING
DO NOT MAKE MANUAL REVISIONS TO MASTER.
R.STA.MONICA
1:1
845-ENG-MASTER
1
1
MAY.16/2017
845-ENG-MASTER
PART NUMBER: 845-059-524-604
845/895 SERIES HIGH TEMP CARD EDGE CONNECTOR
2
OF


Similar Part No. - 845-059-524-604

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
845-059-524-604 EDAC-845-059-524-604 Datasheet
296Kb / 4P
845 Series High Temp Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing
More results

Similar Description - 845-059-524-604

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
845-045-525-101 EDAC-845-045-525-101 Datasheet
99Kb / 2P
845 Series High Temp Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing
845-049-500-103 EDAC-845-049-500-103 Datasheet
97Kb / 2P
845 Series High Temp Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing
845-049-500-403 EDAC-845-049-500-403 Datasheet
96Kb / 2P
845 Series High Temp Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing
845-050-500-108 EDAC-845-050-500-108 Datasheet
96Kb / 2P
845 Series High Temp Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing
845-050-500-608 EDAC-845-050-500-608 Datasheet
96Kb / 2P
845 Series High Temp Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing
845-050-555-203 EDAC-845-050-555-203 Datasheet
96Kb / 2P
845 Series High Temp Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing
845-051-500-107 EDAC-845-051-500-107 Datasheet
97Kb / 2P
845 Series High Temp Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing
845-051-500-108 EDAC-845-051-500-108 Datasheet
97Kb / 2P
845 Series High Temp Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing
845-051-500-404 EDAC-845-051-500-404 Datasheet
96Kb / 2P
845 Series High Temp Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing
845-051-500-607 EDAC-845-051-500-607 Datasheet
97Kb / 2P
845 Series High Temp Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com