Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7FLUS5 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST7FLUS5
Description  8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLUS5 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST7FLUS5 Datasheet HTML 9Page - STMicroelectronics ST7FLUS5 Datasheet HTML 10Page - STMicroelectronics ST7FLUS5 Datasheet HTML 11Page - STMicroelectronics ST7FLUS5 Datasheet HTML 12Page - STMicroelectronics ST7FLUS5 Datasheet HTML 13Page - STMicroelectronics ST7FLUS5 Datasheet HTML 14Page - STMicroelectronics ST7FLUS5 Datasheet HTML 15Page - STMicroelectronics ST7FLUS5 Datasheet HTML 16Page - STMicroelectronics ST7FLUS5 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 124 page
background image
ST7LUS5, ST7LU05, ST7LU09
Package pinout and device pin description
13/124
Table 2.
Device pin description(1)
1.
The RESET configuration of each pin is shown in bold which is valid as long as the device is in reset state.
Pin
2.
Type: I = input, O = output, S = supply
Level
Port / Control
Function
No.
Name
3.
In/Output level: CT = CMOS 0.3VDD/0.7VDD with input trigger
4.
Output level: HS = High sink (on N-buffer only)
Input(5)
5.
Input: float = floating, wpu = weak pull-up, int = interrupt, ana = analog
Output(6)
6.
Output: OD = open drain, PP = push-pull
Main
(after
reset)
Alternate
1VDD
(7)
7.
It is mandatory to connect all available VDD and VDDA pins to the supply voltage and all VSS and VSSA pins to ground.
S
Main power supply
2
PA5/AIN4/CLKIN
I/O CT HS X
ei4
X
X
X
Port A5
Analog input 4 or External Clock
Input
3
PA4/AIN3
I/O CT HS X
ei3
X
X
X
Port A4 Analog input 3
4
PA3/RESET(8)
8.
After a reset, the multiplexed PA3/RESET pin will act as RESET. To configure this pin as output (Port A3), write 55h to
MUXCR0 and AAh to MUXCR1. For further details, please refer to Section 6.4: Register description on page 36.
O
X
XX
Port A3 RESET(8)
5
PA2/AIN2/LTIC
I/O CT HS X
ei2
X
X
X
Port A2
Analog input 2 or Lite Timer
Input Capture
6
PA1/AIN1/ICCCLK
I/O CT HS X
ei1
X
X
X
Port A1
Analog input 1 or In-Circuit
Communication Clock
Caution: During normal
operation this pin must be
pulled-up, internally or externally
(external pull-up of 10k
mandatory in noisy
environment).
7
PA0/AIN0/ATPWM/ICCDATA I/O CT HS X
ei0
X
X
X
Port A0
Analog input 0 or Auto-Reload
Timer PWM or In-Circuit
Communication Data
8VSS
(7)
S
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com