Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7FLU05MATRE Datasheet(PDF) 29 Page - STMicroelectronics

Part # ST7FLU05MATRE
Description  8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLU05MATRE Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ST7FLU05MATRE Datasheet HTML 25Page - STMicroelectronics ST7FLU05MATRE Datasheet HTML 26Page - STMicroelectronics ST7FLU05MATRE Datasheet HTML 27Page - STMicroelectronics ST7FLU05MATRE Datasheet HTML 28Page - STMicroelectronics ST7FLU05MATRE Datasheet HTML 29Page - STMicroelectronics ST7FLU05MATRE Datasheet HTML 30Page - STMicroelectronics ST7FLU05MATRE Datasheet HTML 31Page - STMicroelectronics ST7FLU05MATRE Datasheet HTML 32Page - STMicroelectronics ST7FLU05MATRE Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 124 page
background image
ST7LUS5, ST7LU05, ST7LU09
Supply, reset and clock management
29/124
6.2
Register description
6.2.1
Main clock control/status register (MCCSR)
6.2.2
RC control register (RCCR)
MCCSR
Reset value: 0000 0000 (00h)
7
654
32
10
Reserved
SMS
-R/W
Table 7.
MCCSR register description
Bit
Name
Function
7:1
-
Reserved, must be kept cleared.
0SMS
Slow Mode select
This bit is read/write by software and cleared by hardware after a reset. This bit
selects the input clock fOSC or fOSC/32.
0: Normal mode (fCPU = fOSCC)
1: Slow mode (fCPU = fOSCC/32)
RCCR
Reset value: 1111 1111 (FFh)
7
654
32
10
CR[9:2]
R/W
Table 8.
RCCR register description
Bit
Name
Function
7:0 CR[9:2]
RC Oscillator Frequency Adjustment Bits
These bits, as well as CR[1:0] bits in the SICSR register must be written
immediately after reset to adjust the RC oscillator frequency and to obtain the
required accuracy. The application can store the correct value for each voltage
range in Flash memory and write it to this register at start-up.
00h = maximum available frequency
FFh = lowest available frequency
Note: To tune the oscillator, write a series of different values in the register until the
correct frequency is reached. The fastest method is to use a dichotomy starting with
80h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com