Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STA540SA Datasheet(PDF) 23 Page - STMicroelectronics

Part # STA540SA
Description  4 x 10-watt dual/quad power amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA540SA Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STA540SA Datasheet HTML 19Page - STMicroelectronics STA540SA Datasheet HTML 20Page - STMicroelectronics STA540SA Datasheet HTML 21Page - STMicroelectronics STA540SA Datasheet HTML 22Page - STMicroelectronics STA540SA Datasheet HTML 23Page - STMicroelectronics STA540SA Datasheet HTML 24Page - STMicroelectronics STA540SA Datasheet HTML 25Page - STMicroelectronics STA540SA Datasheet HTML 26Page - STMicroelectronics STA540SA Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
STA540SA
General structure
Doc ID 16066 Rev 2
23/30
8.9
PCB-layout grounding (general rules)
The device has two distinct ground leads, P_GND (power ground) and S_GND (signal
ground) which are practically disconnected from each other at chip level. Correct operation
requires that P_GND and S_GND leads be connected together on the PCB layout by means
of reasonably low-resistance tracks.
For the PCB ground configuration a star-like arrangement, where the center is represented
by the supply-filtering electrolytic capacitor ground, is recommended. In such context, at
least two separate paths must be provided; one for power ground and one for signal ground.
The correct ground assignments are as follows:
standby capacitor (pin 9, or any other standby driving networks): on signal ground
SVR capacitor (pin 8): on signal ground and to be placed as close as possible to the
device
input signal ground (from active/passive signal processor stages): on signal ground
supply filtering capacitors (pins 3 and 17): on power ground. The negative terminal of
the electrolytic capacitor must be directly tied to the battery negative line and this
should represent the starting point for all the ground paths.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com