Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7FLUS5MCTRE Datasheet(PDF) 94 Page - STMicroelectronics

Part # ST7FLUS5MCTRE
Description  8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLUS5MCTRE Datasheet(HTML) 94 Page - STMicroelectronics

Back Button ST7FLUS5MCTRE Datasheet HTML 90Page - STMicroelectronics ST7FLUS5MCTRE Datasheet HTML 91Page - STMicroelectronics ST7FLUS5MCTRE Datasheet HTML 92Page - STMicroelectronics ST7FLUS5MCTRE Datasheet HTML 93Page - STMicroelectronics ST7FLUS5MCTRE Datasheet HTML 94Page - STMicroelectronics ST7FLUS5MCTRE Datasheet HTML 95Page - STMicroelectronics ST7FLUS5MCTRE Datasheet HTML 96Page - STMicroelectronics ST7FLUS5MCTRE Datasheet HTML 97Page - STMicroelectronics ST7FLUS5MCTRE Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 124 page
background image
Electrical characteristics
ST7LUS5, ST7LU05, ST7LU09
94/124
12.3.1
Internal RC oscillator
The ST7 internal clock can be supplied by an internal RC oscillator (selectable by option
byte).
Note:
To improve clock stability and frequency accuracy, it is recommended to place a decoupling
capacitor, typically 100nF, between the VDD and VSS pins as close as possible to the ST7
device.
Table 66.
Internal RC oscillator calibrated at 5.0V
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fRC
Internal RC oscillator
frequency
RCCR = FF (reset value), TA =25°C, VDD = 5V
4.5
MHz
RCCR = RCCR0(1), TA = 25°C, VDD =5V
8
ACCRC
RC resolution
VDD = 5V
-2
+2
%
Accuracy of internal RC
oscillator with
RCCR = RCCR0(1)
TA = 0°C to +125°C, VDD = 5V
-5
+5
TA = -40°C to +125°C, VDD =4.5 to 5.5V
TBD
TBD
IDD(RC)
RC oscillator current
consumption
TA = 25°C, VDD = 5V
900(2)
µA
tsu(RC) RC oscillator setup time
TA = 25°C, VDD = 5V
4(2)
µs
1.
See Internal RC oscillator adjustment on page 27
2.
Guaranteed by Design
Table 67.
Internal RC oscillator calibrated at 3.3V
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fRC
Internal RC oscillator
frequency
RCCR = FF (reset value), TA = 25°C, VDD = 3.3V
4.4
MHz
RCCR = RCCR1(1), TA = 25°C, VDD =3.3V
8
ACCRC
RC resolution
VDD = 3.3V
-2
+2
%
Accuracy of internal RC
oscillator with
RCCR = RCCR1(1)
TA = 0°C to +125°C, VDD = 3.3V
-7
+7
TA = -40°C to +125°C, VDD = 3.0 to 3.6V
TBD
TBD
IDD(RC)
RC oscillator current
consumption
TA = 25°C, VDD = 3.3V
900(2)
µA
tsu(RC) RC oscillator setup time
TA = 25°C, VDD = 3.3V
4(2)
µs
1.
See Internal RC oscillator adjustment on page 27
2.
Guaranteed by Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com