Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSOP125.. Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TSOP125..
Description  IR Receiver Modules for Remote Control Systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP125.. Datasheet(HTML) 3 Page - Vishay Siliconix

  TSOP125.. Datasheet HTML 1Page - Vishay Siliconix TSOP125.. Datasheet HTML 2Page - Vishay Siliconix TSOP125.. Datasheet HTML 3Page - Vishay Siliconix TSOP125.. Datasheet HTML 4Page - Vishay Siliconix TSOP125.. Datasheet HTML 5Page - Vishay Siliconix TSOP125.. Datasheet HTML 6Page - Vishay Siliconix TSOP125.. Datasheet HTML 7Page - Vishay Siliconix TSOP125.. Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TSOP121.., TSOP123.., TSOP125.., TSOP141.., TSOP143.., TSOP145..
www.vishay.com
Vishay Semiconductors
Datasheet Values Refer to PCN-OPT-1224-2022
Rev. 1.8, 17-Aug-2022
3
Document Number: 82804
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Output Delay and Pulse-Width
Fig. 2 - Pulse-Width vs. Irradiance in Dark Ambient
Fig. 3 - Test Signal
Fig. 4 - Pulse-Width vs. Irradiance in Dark Ambient
ELECTRICAL AND OPTICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply current
Ev = 0, VS = 3.3 V
ISD
0.25
0.35
0.45
mA
Ev = 40 klx, sunlight
ISH
-0.45-
mA
Supply voltage
VS
2.0
-
5.5
V
Transmission distance
Ev = 0, test signal see Fig. 1,
IR diode TSAL6200, IF = 50 mA
d-
39
-
m
Output voltage low
IOSL = 0.5 mA, Ee = 0.7 mW/m2,
test signal see Fig. 1
VOSL
-
-
100
mV
Minimum irradiance
Test signal: RC5 code
Ee min.
-
0.05
0.1
mW/m2
Test signal: XMP code
Ee min.
-0.1
0.2
mW/m2
Maximum irradiance
tpi - 3.0/f0 < tpo < tpi + 3.5/f0,
test signal see Fig. 1
Ee max.
30
-
-
W/m2
Directivity
Angle of half transmission distance
ϕ1/2
-± 45
-
°
14337-5
E
e
T
t
pi
(1)
t
V
O
V
OH
V
OL
t
po
(3)
t
Optical Test Signal
(IR diode TSAL6200, N = 6 pulses, f = f
0, T = 10 ms)
Output Signal
t
d
(2)
(2) 4/f
0 < td < 10/f0
(3) t
pi - 3.0/f0 < tpo < tpi + 3.5/f0
(1) t
pi ≥ 6/f0
10
100
1000
10000
0
0.05
0.10
0.15
0.20
0.25
0.30
0.1
10
1000
100 000
Axis Title
E
e - Irradiance (mW/m
2)
Output pulse width
Input burst length
λ = 950 nm,
optical test signal, Fig. 1
E e
t
VO
VOH
VOL
t
600 µs
600 µs
t = 60 ms
t on
t off
94 8134
Optical Test Signal
Output Signal, (see Fig. 4)
10
100
1000
10000
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.1
1
10
100
1000
10 000
Axis Title
E
e - Irradiance (mW/m
2)
t
on
t
off
λ= 950 nm,
optical test signal, Fig. 3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com