Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1768IGN Datasheet(PDF) 13 Page - Linear Technology

Part # LT1768IGN
Description  High Power CCFL Controller for Wide Dimming Range and Maximum Lamp Lifetime
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1768IGN Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1768IGN Datasheet HTML 9Page - Linear Technology LT1768IGN Datasheet HTML 10Page - Linear Technology LT1768IGN Datasheet HTML 11Page - Linear Technology LT1768IGN Datasheet HTML 12Page - Linear Technology LT1768IGN Datasheet HTML 13Page - Linear Technology LT1768IGN Datasheet HTML 14Page - Linear Technology LT1768IGN Datasheet HTML 15Page - Linear Technology LT1768IGN Datasheet HTML 16Page - Linear Technology LT1768IGN Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT1768
13
APPLICATIONS INFORMATION
voltage and DIO lines can cause enough current flow to
fool the open lamp detection. In situations where coupling
can’t be avoided, resistors can be added from the DIO pins
to ground to increase the open lamp threshold. When
resistors from the DIO pins to ground are added, the
values for RRMAX and RRMIN may need to be increased
from their nominal values to compensate for the additional
current.
For single lamp operation, the lowside of the lamp should
be connected to both DIO pins, and the values of RRMAX
and RRMIN increased to two times the values that would be
used in a dual lamp configuration. In single lamp mode all
fault detection will operate as in the dual lamp configura-
tion, but the open lamp threshold will double. If the
increase in the open lamp threshold is not acceptable, a
positive offset current can be added to reduce the open
lamp threshold by placing a resistor between the REF and
DIO pins (a 33k resistor will reduce the open lamp thresh-
old by approximately 100
µA ((VREF– VDIO+)/33k). When
an offset current is added, the values for RRMAX and RRMIN
may need to be increased from their nominal values to
compensate for the offset current.
VC Compensation
As previously mentioned a single capacitor on the VC pin
combines the error signal conversion, lamp current aver-
aging and frequency compensation. Careful consideration
should be given to the value of capacitance used. A large
value (1
µF) will give excellent stability at high lamp cur-
rents but will result in degraded line regulation in PWM
mode. On the other hand , a small value (10nF) will give
excellent PWM response but might result in overshoot and
poor load regulation. The value chosen will depend on the
maximum load current and dimming range. After these
parameters are decided upon, the value of the VC capacitor
should be increased until the line regulation becomes
unacceptable. A typical value for the VC capacitor is
0.033
µF. For further information on compensation please
refer to the references or consult the factory.
Current Sense Comparator
The LT1768 is a current mode PWM controller. Under
normal operating conditions the GATE is driven high at the
start of every oscillator cycle. The GATE is driven back low
when the current reaches a threshold level proportional to
the voltage on the VC pin. The GATE then remains low until
the start of the next oscillator cycle. The peak current is
thus proportional to the VC voltage and controlled on a
cycle by cycle basis. The peak switch current is normally
sensed by placing a sense resistor in the source lead of the
output MOSFET. This resistor converts the switch current
to a voltage that can be compared to a fraction of the VC
voltage [(VVC – VDIODE)/30] . For normal conditions and a
GATE duty cycle below 50%, the switch current limit will
correspond to IPK = 0.1/RSENSE. For GATE duty cycles
above 50% the switch current limit will be reduced
to approximately 90mV at 80% duty cycle to avoid
subharmonic oscillations associated with current mode
controllers.
When the lamp current is programmed to PWM mode, the
VC pin will slew between voltages that represent the
minimum and maximum PWM lamp currents. The slew
time affects the line regulation at low duty cycle, and
should be kept low by making the sense resistor as small
as possible. The lowest value of sense resistor is deter-
mined by switching transients and other noise due to
layout configurations. A good rule of thumb is to set the
sense resistor so that the voltage on the VC pin equals
2.5V when the PWM current is in maximum mode (VPROG
= VPWM). Typical values of the sense resistor run in the
25m
Ω to 50mΩ range for large displays, and can be
implemented with a copper trace on the PCB.
Since the maximum threshold at the SENSE pin is only
100mV, switching transients and other noise can prema-
turely trip the comparator. The LT1768 has a blanking
period of 100ns which prohibits premature switch turn
off, but further filtering the sense resistor voltage is
recommended. A simple RC filter is adequate for most
applications. (Figure 5.)
Figure 5. Sense Pin Filter
SENSE
GATE
LT1768
100
Ω
2.2nF
0.025m
Ω
1768 •F05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com