Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSPL3JB2R20 Datasheet(PDF) 4 Page - Stackpole Electronics, Inc.

Part # RSPL3JB2R20
Description  Flameproof Power Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RSPL3JB2R20 Datasheet(HTML) 4 Page - Stackpole Electronics, Inc.

  RSPL3JB2R20 Datasheet HTML 1Page - Stackpole Electronics, Inc. RSPL3JB2R20 Datasheet HTML 2Page - Stackpole Electronics, Inc. RSPL3JB2R20 Datasheet HTML 3Page - Stackpole Electronics, Inc. RSPL3JB2R20 Datasheet HTML 4Page - Stackpole Electronics, Inc. RSPL3JB2R20 Datasheet HTML 5Page - Stackpole Electronics, Inc. RSPL3JB2R20 Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Rev Date: 10/22/2020
4
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RSPF / RSPL Series
Flameproof Power Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Recommended Solder Profile
This information is intended as a reference for solder profiles for Stackpole resistive components. These profiles should
be compatible with most soldering processes. These are only recommendations. Actual numbers will depend on board
density, geometry, packages used, etc., especially those cells labeled with “*”.
100% Matte Tin / RoHS Compliant Terminations
Soldering iron recommended temperatures: 330°C to 350°C with minimum duration.
Maximum number of reflow cycles: 3.
Recommended Lead Free Resistor Reflow Profile
Wave Soldering
Description
Maximum
Recommended
Minimum
Preheat Time
80 seconds
70 seconds
60 seconds
Temperature Diff.
140°C
120°C
100°C
Solder Temp.
260°C
250°C
240°C
Dwell Time at Max.
10 seconds
5 seconds
*
Ramp DN (°C/sec)
N/A
N/A
N/A
Temperature Diff. = Defference between final preheat stage and soldering stage.
Convection IR Reflow
Description
Maximum
Recommended
Minimum
Ramp Up (°C/sec)
3°C/sec
2°C/sec
*
Dwell Time > 217°C
150 seconds
90 seconds
60 seconds
Solder Temp.
260°C
245°C
*
Dwell Time at Max.
30 seconds
15 seconds
10 seconds
Ramp DN (°C/sec)
6°C/sec
3°C/sec
*



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com