Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VOS615AT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VOS615AT
Description  Optocoupler, Phototransistor Output, Low Input Current, SSOP-4, Half Pitch, Mini-Flat Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VOS615AT Datasheet(HTML) 2 Page - Vishay Siliconix

  VOS615AT Datasheet HTML 1Page - Vishay Siliconix VOS615AT Datasheet HTML 2Page - Vishay Siliconix VOS615AT Datasheet HTML 3Page - Vishay Siliconix VOS615AT Datasheet HTML 4Page - Vishay Siliconix VOS615AT Datasheet HTML 5Page - Vishay Siliconix VOS615AT Datasheet HTML 6Page - Vishay Siliconix VOS615AT Datasheet HTML 7Page - Vishay Siliconix VOS615AT Datasheet HTML 8Page - Vishay Siliconix VOS615AT Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
VOS615A
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 17-Apr-13
2
Document Number: 85373
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability.
(1) Refer to reflow profile for soldering conditions for surface mounted devices.
Fig. 1 - Power Dissipation vs. Ambient Temperature
Fig. 2 - Forward Current vs. Ambient Temperature
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
6V
Power dissipation
Pdiss
70
mW
Forward current
IF
50
mA
OUTPUT
Collector emitter voltage
VCEO
80
V
Emitter collector voltage
VECO
7V
Collector current
IC
50
mA
Power dissipation
Pdiss
150
mW
COUPLER
Isolation test voltage
between emitter and detector
t = 1 min
VISO
3750
VRMS
Total power dissipation
Ptot
170
mW
Storage temperature range
Tstg
- 55 to + 150
°C
Ambient temperature range
Tamb
- 55 to + 110
°C
Junction temperature
Tj
125
°C
Soldering temperature (1)
t = 10 s
Tsld
260
°C
0
20
40
60
80
100
120
140
160
- 25
0
25
50
75
100
125
T
amb - Ambient Temperature (°C)
0
10
20
30
40
50
60
- 25
0
25
50
75
100
125
T
amb - Ambient Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com