| Electronic Components Datasheet Search |
|
LC4H-R4-AC24V Datasheet(PDF) 4 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
LC4H-R4-AC24V Datasheet(HTML) 4 Page - Panasonic Semiconductor |
|
4 / 8 page ![]() Dimensions • 4-digit display type 48 1.890 48 1.890 5.5 .217 70.1 2.760 55.6 2.189 7.5 .295 ( 44.5 ( 1.752 ( 44.5 ( 1.752 5.5 .217 64.5 2.539 7.5 .295 COUNTER RESET LOCK UP DOWN OP. RST LOCK LC4H 48 1.890 48 1.890 70.1 2.760 55.6 2.189 5.5 .216 64.5 2.539 7.5 .295 5.5 .217 7.5 .295 ( 44.5 ( 1.752 ( 44.5 ( 1.752 LC4H COUNTER RESET LOCK OP. RST LOCK Screw terminal type: M3.5 (Flush mount) mm inch General tolerance: ±1.0 ±.039 Pin type (Flush mount/Surface mount) Screw terminal type: M3.5 (Flush mount) Pin type (Flush mount/Surface mount) LC4H/-L • 6-digit display type Applicable standard Safety standard EN61812-1 Pollution Degree 2/Overvoltage Category II EMC (EMI)EN61000-6-4 Radiation interference electric field strength Noise terminal voltage (EMS)EN61000-6-2 Static discharge immunity RF electromagnetic field immunity EFT/B immunity Surge immunity Conductivity noise immunity Power frequency magnetic field immunity Voltage dip/Instantaneous stop/Voltage fluctuation immunity EN55011 Group1 ClassA EN55011 Group1 ClassA EN61000-4-2 4 kV contact 8 kV air EN61000-4-3 10 V/m AM modulation (80 MHz to 1 GHz) 10 V/m pulse modulation (895 MHz to 905 MHz) EN61000-4-4 2 kV (power supply line) 1 kV (signal line) EN61000-4-5 1 kV (power line) EN61000-4-6 10 V/m AM modulation (0.15 MHz to 80 MHz) EN61000-4-8 30 A/m (50 Hz) EN61000-4-11 10 ms, 30% (rated voltage) 100 ms, 60% (rated voltage) 1,000 ms, 60% (rated voltage) 5,000 ms, 95% (rated voltage) All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |