Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMSA Datasheet(PDF) 7 Page - Interpoint Corporation Company

Part # SMSA
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMSA Datasheet(HTML) 7 Page - Interpoint Corporation Company

Back Button SMSA Datasheet HTML 3Page - Interpoint Corporation Company SMSA Datasheet HTML 4Page - Interpoint Corporation Company SMSA Datasheet HTML 5Page - Interpoint Corporation Company SMSA Datasheet HTML 6Page - Interpoint Corporation Company SMSA Datasheet HTML 7Page - Interpoint Corporation Company SMSA Datasheet HTML 8Page - Interpoint Corporation Company SMSA Datasheet HTML 9Page - Interpoint Corporation Company SMSA Datasheet HTML 10Page - Interpoint Corporation Company SMSA Datasheet HTML 11Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
51
SMSA SERIES
5 WATT
DC/DC CONVERTERS
®
Typical Performance Curves: 25°C Tc, 28 VDC Vin, 100% load, unless otherwise specified.
FIGURE 5
FIGURE 7
OUTPUT POWER (Watts)
SMSA2815D EFFICIENCY
30
80
40V
70
60
50
40
12345
6
16V
28V
100
µs/div
16V TO 40V
SMSA2805S STEP LINE RESPONSE
VIN
VOUT
OUTPUT POWER (Watts)
SMSA2805S EFFICIENCY
30
80
40V
70
60
50
40
12345
6
16V
28V
FIGURE 2
OUTPUT POWER (Watts)
SMSA2812S EFFICIENCY
30
80
40V
70
60
50
40
12345
6
16V
28V
FIGURE 3
FREQUENCY (kHz)
SMSA SERIES AUDIO REJECTION
100
0.1
1
10
100
90
80
70
60
50
40
30
20
10
FIGURE 6
FIGURE 4
OUTPUT POWER (Watts)
SMSA2815S EFFICIENCY
30
80
40V
70
60
50
40
12345
6
16V
28V
FIGURE 11
FIGURE 13
200
µs/div
16V TO 40V
SMSA2815D INPUT STEP LINE RESPONSE
VIN
+VOUT
–VOUT
200
µs/div
10%
90%
SMSA2815D +VO STEP LOAD RESPONSE
10% to 90%
90% to 10%
–POUT=0.5W
100
µs/div
50%
100%
SMSA2805S STEP LOAD RESPONSE
50% to 100%
100% to 50%
FIGURE 8
100
µs/div
10%
100%
SMSA2805S STEP LOAD RESPONSE
10% to 100%
100% to 10%
FIGURE 9
100
µs/div
10%
50%)
SMSA2815D +VO STEP LOAD RESPONSE
10% to 50%
50% to 10%
–POUT=2.5W
FIGURE 12
FIGURE 10
1 ms / div
SMSA2805S TURN-ON INTO NO LOAD
VIN
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com