Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFS15 Datasheet(PDF) 1 Page - COSEL CO., LTD.

Part # SFS15
Description  DC-DC Converters PCB Mount Type
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

SFS15 Datasheet(HTML) 1 Page - COSEL CO., LTD.

  SFS15 Datasheet HTML 1Page - COSEL CO., LTD. SFS15 Datasheet HTML 2Page - COSEL CO., LTD. SFS15 Datasheet HTML 3Page - COSEL CO., LTD. SFS15 Datasheet HTML 4Page - COSEL CO., LTD. SFS15 Datasheet HTML 5Page - COSEL CO., LTD. SFS15 Datasheet HTML 6Page - COSEL CO., LTD. SFS15 Datasheet HTML 7Page - COSEL CO., LTD. SFS15 Datasheet HTML 8Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SFS/SFCS-2
*1 At rated input(DC48V), rated load and 25C
SFS10
DC-DC Converters PCB Mount Type
SF
S
10
48
3R3
B
Ordering information
1Series name
2Single output
3Output wattage
4Input voltage
48:DC36 - 76V
5Output voltage
6Mounting type
(Soldering process)
B :SMD(Pb-free solder)
C :DIP(Pb-free solder)
R
1
2
3
4
5
6
MODEL
SFS10481R2
MAX OUTPUT WATTAGE[W]
4.2
DC OUTPUT
1.2V 3.5A
SPECIFICATIONS
MODEL
SFS10481R2
INPUT
VOLTAGE[V]
DC36 - 76
CURRENT[A]
*1
0.11typ
EFFICIENCY[%]
*1
80typ
START-UP VOLTAGE[V]
DC32 - 36
HYSTERESIS VOLTAGE[V] DC2 min
OUTPUT
VOLTAGE[V]
1.2
CURRENT[A]
3.5
SFS10481R5
5.25
1.5V 3.5A
SFS10481R5
0.13typ
82typ
1.5
3.5
SFS10481R8
5.4
1.8V 3A
SFS10481R8
0.13typ
84typ
1.8
3
SFS10482R5
7.5
2.5V 3A
SFS10482R5
0.18typ
86typ
2.5
3
SFS10483R3
9.9
3.3V 3A
SFS10483R3
0.23typ
88typ
3.3
3
SFS104805
10.0
5V 2A
SFS104805
0.23typ
89typ
5
2
SFS104815
10.5
15V 0.7A
SFS104815
0.25typ
88typ
15
0.7
VOLTAGE ACCURACY[%] +5, -3
RIPPLE[mVp-p]
25max
RIPPLE NOISE[mVp-p]
50max
SFS104812
10.8
12V 0.9A
SFS104812
0.26typ
88typ
12
0.9
120max
150max
START-UP TIME[ms]
20 - 200max (DCIN 48V, Io=100%)
OUTPUT VOLTAGE SETTING *1 t1% of rated output voltage
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION Works over 103% of rating
OVERVOLTAGE PROTECTION Works at 120 - 140% of rating
LOWVOLTAGE PROTECTION Works at 90% max of rating
REMOTE ON/OFF
Provided(RC open : ON, short between RC and +Vin : OFF)
ISOLATION INPUT-OUTPUT
DC1,500V 1minute, DC500V 50MW min (20t15C)
ENVIRONMENT
OPERATING TEMP.,HUMID.AND ALTITUDE -40 to +85C, 20 - 95%RH (Non condensing), 3,000m (10,000feet) max
STORAGE TEMP.,HUMID.AND ALTITUDE -40 to +100C, 20 - 95%RH (Non condensing), 9,000m (30,000feet) max (SMD:Refer to the Instruction Manual)
VIBRATION
10 - 55Hz, 49.0m/s2 (5G), 3minutes period, 60minutes each along X, Y and Z axis
IMPACT
196.1m/s2 (20G), 11ms, once each X, Y and Z axis
SAFETY
AGENCY APPROVALS
OTHERS
CASE SIZE/WEIGHT
38.7X5.0X27.2mm [1.52X0.197X1.07 inches] (WXHXD) /12g max
COOLING METHOD
Convection
UL60950-1, C-UL (CSA60950-1), EN60950-1


Similar Part No. - SFS15

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
SFS1500B-LF ZCOMM-SFS1500B-LF Datasheet
77Kb / 2P
Fixed Frequency Synthesizer Surface Mount Module
SFS1500B-LF ZCOMM-SFS1500B-LF Datasheet
77Kb / 2P
Fixed Frequency Synthesizer
logo
Powerbox
SFS154802 POWERBOX-SFS154802 Datasheet
523Kb / 2P
10 - 30 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
SFS154805 POWERBOX-SFS154805 Datasheet
523Kb / 2P
10 - 30 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
SFS154812 POWERBOX-SFS154812 Datasheet
523Kb / 2P
10 - 30 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
More results

Similar Description - SFS15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MGS152405 ETC2-MGS152405 Datasheet
109Kb / 4P
DC-DC Converters PCB Mount type
ZUS1R52405 ETC2-ZUS1R52405 Datasheet
492Kb / 12P
DC-DC Converters PCB Mount type
SUCS102405C ETC2-SUCS102405C Datasheet
651Kb / 8P
DC-DC Converters PCB Mount type
SUS1R5 ETC2-SUS1R5 Datasheet
656Kb / 8P
DC-DC Converters PCB Mount type
SFS302415B ETC2-SFS302415B Datasheet
691Kb / 8P
DC-DC Converters PCB Mount type
logo
COSEL CO., LTD.
MGS15 COSEL-MGS15 Datasheet
3Mb / 28P
DC-DC Converters PCB Mount Type
January 31, 2022
SUW1R50515 COSEL-SUW1R50515 Datasheet
240Kb / 11P
DC-DC Converters PCB Mount Type
June 26, 2020
ZUW1R5 COSEL-ZUW1R5 Datasheet
469Kb / 12P
DC-DC Converters PCB Mount type
SFCS15 COSEL-SFCS15 Datasheet
601Kb / 4P
DC-DC Converters PCB Mount Type
ZUS62412 COSEL-ZUS62412 Datasheet
466Kb / 12P
DC-DC Converters PCB Mount type
June 29, 2011
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com