Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS5600-ASOT Datasheet(PDF) 32 Page - OSRAM GmbH

Part # AS5600-ASOT
Description  12-Bit Programmable Contactless Potentiometer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS5600-ASOT Datasheet(HTML) 32 Page - OSRAM GmbH

Back Button AS5600-ASOT Datasheet HTML 28Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 29Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 30Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 31Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 32Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 33Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 34Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 35Page - OSRAM GmbH AS5600-ASOT Datasheet HTML 36Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
ams Datasheet
Page 31
[v1-06] 2018-Jun-20
Document Feedback
AS5600 − Register Description
Hysteresis
To avoid any toggling of the output when the magnet is not
moving, a 1 to 3 LSB hysteresis of the 12-bit resolution can be
enabled with the HYST bits in the CONF register.
Magnet Detection
As a safety and diagnostic feature, the AS5600 indicates the
absence of the magnet. If the measured magnet field strength
goes below the minimum specified level (Bz_ERROR), the
output is driven low, without regard to which output mode has
been selected (analog or PWM) and the MD bit in the STATUS
register is 0.
Low Power Modes
A digital state machine automatically manages the low power
modes to reduce the average current consumption. Three low
power modes are available and can be enabled with the PM bits
in the CONF register. Current consumption and polling times
are shown in Figure 6.
Watchdog Timer
The watchdog timer allows saving power by switching into
LMP3 if the angle stays within the watchdog threshold of 4 LSB
for at least one minute, as shown in Figure 36. The watchdog
function can be enabled with the WD bit in the CONF register.
Figure 36:
Watchdog Timer Function
1 minute
Watchdog
threshold
LPM3
NOM,LPM1,
LPM2
NOM,LPM1,
LPM2
Output Value
4 LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com